Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 266 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 266 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 262Page - Cirrus Logic WM8281ECS/R Datasheet HTML 263Page - Cirrus Logic WM8281ECS/R Datasheet HTML 264Page - Cirrus Logic WM8281ECS/R Datasheet HTML 265Page - Cirrus Logic WM8281ECS/R Datasheet HTML 266Page - Cirrus Logic WM8281ECS/R Datasheet HTML 267Page - Cirrus Logic WM8281ECS/R Datasheet HTML 268Page - Cirrus Logic WM8281ECS/R Datasheet HTML 269Page - Cirrus Logic WM8281ECS/R Datasheet HTML 270Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 392 page
background image
WM8281
266
Rev 4.0
The required control sequence for disabling SYSCLK is summarised below:
Disable all SYSCLK-associated functions (inputs, outputs, digital core)
Set SYSCLK_ENA = 0
Wait until SYSCLK_ENA_LOW = 1 (or wait for the corresponding IRQ/GPIO event)
The ASYNC_CLK_SRC register is used to select the ASYNCCLK source, as described in Table 101.
The source may be MCLKn, AIFnBCLK or FLLn. If one of the Frequency Locked Loop (FLL) circuits is
selected as the source, then the relevant FLL must be enabled and configured, as described later.
The ASYNC_CLK_FREQ register is set according to the frequency of the selected ASYNCCLK
source.
The ASYNCCLK-referenced circuits within the digital core are clocked at a dynamically-controlled
rate, limited by the ASYNCCLK frequency itself. For maximum signal mixing and processing capacity,
it is recommended that the highest possible ASYNCCLK frequency is configured.
The ASYNC_SAMPLE_RATE_n registers are set according to the sample rate(s) of any audio
interface that is not synchronised to the SYSCLK clock domain.
The ASYNCCLK signal is enabled by the register bit ASYNC_CLK_ENA. The applicable clock source
(MCLKn, AIFnBCLK or FLLn) must be enabled before setting ASYNC_CLK_ENA=1. This bit should
be set to 0 when reconfiguring the clock sources (see below for additional requirements when setting
ASYNC_CLK_ENA=0).
When disabling ASYNCCLK, note that all of the input, output or digital core functions associated with
the ASYNCCLK clock domain must be disabled before setting ASYNC_CLK_ENA=0.
When ‘0’ is written to ASYNC_CLK_ENA, the host processor must wait until the WM8281 has shut
down the associated functions before issuing any other register write commands. The ASYNCCLK
Enable status can be polled via the ASYNC_CLK_ENA_LOW_STS bit (see Table 98), or else
monitored using the Interrupt or GPIO functions.
The ASYNCCLK Enable status is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event -
see “Interrupts”. The corresponding Interrupt event indicates that the WM8281 has
shut down the ASYNCCLK functions and is ready to accept register write commands.
The ASYNCCLK Enable status can be output directly on a GPIO pin as an external indication of the
ASYNCCLK
status. See “General Purpose Input / Output” to configure a GPIO pin for this function.
The required control sequence for disabling ASYNCCLK is summarised below:
Disable all ASYNCCLK-associated functions (inputs, outputs, digital core)
Set ASYNCCLK_ENA = 0
Wait until ASYNCCLK_ENA_LOW = 1 (or wait for the corresponding IRQ/GPIO event)
The SYSCLK (and ASYNCCLK, when applicable) clocks must be configured and enabled before any
audio path is enabled.
The WM8281 performs automatic checks to confirm that the SYSCLK and ASYNCCLK frequencies
are high enough to support the commanded signal paths and processing functions. If an attempt is
made to enable a signal path or processing function, and there are insufficient SYSCLK or
ASYNCCLK cycles to support it, then the attempt will be unsuccessful. (Note that any signal paths
that are already active will not be affected under these circumstances.)
An Underclocked Error condition is where there are insufficient clock cycles for the requested
functionality, and increasing the SYSCLK or ASYNCCLK frequency (as applicable) should allow the
selected configuration to be supported.
An Overclocked Error condition is where the requested functionality cannot be supported, as the
clocking requirements of the requested configuration exceed the device limits.
The SYSCLK Underclocked condition, ASYNCCLK Underclocked condition, and other Clocking Error
conditions
can be monitored using the GPIO and/or Interrupt functions. See “General Purpose Input /
Output
” and “Interrupts” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com