Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 290 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 290 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 286Page - Cirrus Logic WM8281ECS/R Datasheet HTML 287Page - Cirrus Logic WM8281ECS/R Datasheet HTML 288Page - Cirrus Logic WM8281ECS/R Datasheet HTML 289Page - Cirrus Logic WM8281ECS/R Datasheet HTML 290Page - Cirrus Logic WM8281ECS/R Datasheet HTML 291Page - Cirrus Logic WM8281ECS/R Datasheet HTML 292Page - Cirrus Logic WM8281ECS/R Datasheet HTML 293Page - Cirrus Logic WM8281ECS/R Datasheet HTML 294Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 392 page
background image
WM8281
290
Rev 4.0
CONTROL INTERFACE
The WM8281 is controlled by writing to its control registers. Readback is available for all registers.
Two independent Control Interfaces are provided, giving flexible capability as described below. Note
that the SLIMbus interface also supports read/write access to the WM8281 control registers - see
“SLIMbus Interface Control”.
Note that the Control Interface function can be supported with or without system clocking. Where
applicable, the register map access is synchronised with SYSCLK in order to ensure predictable
operation of cross-
domain functions. See “Clocking and Sample Rates” for further details of Control
Interface clocking.
When SYSCLK is present and enabled, register access is possible on all of the Control Interfaces
(including SLIMbus) simultaneously.
When SYSCLK is disabled, then register access will only be supported on whichever interface (I2C,
SPI, or SLIMbus) is the first to attempt any register access after SYSCLK has stopped. Full access via
all interfaces will be restored when SYSCLK is enabled.
The WM8281 executes a Boot Sequence following Power-On Reset (POR), Hardware Reset,
Software Reset or Wake-Up (from Sleep mode). Note that Control Register writes should not be
attempted until the Boot Sequence has completed. See “Power-On Reset (POR)” for further details.
The WM8281 performs automatic checks to confirm that the control interface does not attempt a Read
or Write operation to an invalid register address. The Control Interface Address Error condition can be
monitored using the GPIO
and/or Interrupt functions. See “General Purpose Input / Output” and
“Interrupts” for further details.
Control Interface 1 can be configured as a 2-wire (I2C) interface or 4-wire (SPI) interface. This is
determined by the logic level on the CIF1MODE pin, as shown in Table 112.
All of the CIF1 interface pins are referenced to the DBVDD1 power domain.
CIF1MODE
CONTROL INTERFACE MODE
DESCRIPTION
Logic 0
2-wire (I2C) mode
CIF1SCLK is the interface clock input
CIF1SDA is the bi-directional data pin
Logic 1
4-wire (SPI) mode
CIF1SCLK is the interface clock input
CIF1MOSI is the data input pin
CIF1MISO is the data output pin
CIF1SS
¯¯¯¯¯¯¯
is the ‘slave select’ input
Table 112 Control Interface 1 Mode Selection
The CIF1ADDR and CIF1SS
¯¯¯¯¯¯¯ functions are implemented on a shared pin. In 2-wire (I2C) mode, the
CIF1ADDR input selects the Device ID, as described in Table 114. In 4-wire (SPI) mode, the CIF1SS
¯¯¯¯¯¯¯
input provides the ‘Slave Select’ function.
The CIF1MISO function shares the same pin as GPIO4
(see “General Purpose Input / Output”). The
CIF1MISO function is selected by default; this is determined by the SPI_GPIO register bit as
described in Table 113.
Control Interface 2 operates as a 2-wire (I2C) interface only.
The CIF2 interface pins are referenced to the DBVDD2 power domain.
A detailed description of the 2-wire (I2C) interface and 4-wire (SPI) interface modes is provided in the
following sections. The Control Interface configuration registers are described in Table 113.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com