Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 314 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 314 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 310Page - Cirrus Logic WM8281ECS/R Datasheet HTML 311Page - Cirrus Logic WM8281ECS/R Datasheet HTML 312Page - Cirrus Logic WM8281ECS/R Datasheet HTML 313Page - Cirrus Logic WM8281ECS/R Datasheet HTML 314Page - Cirrus Logic WM8281ECS/R Datasheet HTML 315Page - Cirrus Logic WM8281ECS/R Datasheet HTML 316Page - Cirrus Logic WM8281ECS/R Datasheet HTML 317Page - Cirrus Logic WM8281ECS/R Datasheet HTML 318Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 392 page
background image
WM8281
314
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1184
(04A0h)
HP1 Short
Circuit Ctrl
12
HP1_SC_ENA
1
HPOUT1 Short Circuit Detect Enable
0 = Disabled
1 = Enabled
R1185
(04A1h)
HP2 Short
Circuit Ctrl
12
HP2_SC_ENA
1
HPOUT2 Short Circuit Detect Enable
0 = Disabled
1 = Enabled
R1186
(04A2h)
HP3 Short
Circuit Ctrl
12
HP3_SC_ENA
1
HPOUT3 Short Circuit Detect Enable
0 = Disabled
1 = Enabled
Table 127 Headphone Short Circuit Detection Control
The Thermal Shutdown and Short Circuit protection status flags can be output directly on a GPIO pin
as an external indication of the associated events. See
“General Purpose Input / Output” to configure
a GPIO pin for this function.
POWER-ON RESET (POR)
The WM8281 will remain in the reset state until AVDD, DBVDD1 and DCVDD are all above their
respective reset thresholds. Note that specified device performance is not assured outside the voltage
ranges defined in the “Recommended Operating Conditions” section.
Refer to “Recommended Operating Conditions” for the WM8281 power-up sequencing requirements.
If DCVDD is powered from LDO1, then the DCVDD supply must be enabled using the LDOENA pin
for the initial power-up. Note that subsequent interruption to DCVDD should only be permitted as part
of a control sequence for entering Sleep mode.
After the initial power-up, the Power-On Reset will be re-scheduled following an interruption to the
DBVDD1 or AVDD supplies. Note that the AVDD supply must always be maintained whenever the
DCVDD supply is present.
If the WM8281 SLIMbus component is in its operational state, then it must be reset prior to scheduling
a Power-On Reset
. See “SLIMbus Interface Control” for details of the SLIMbus reset control
messages.
Following Power-On Reset (POR), a Boot Sequence is executed. The BOOT_DONE_STS register is
asserted on completion of the Boot Sequence, as described in Table 128. Control register writes
should not be attempted until the BOOT_DONE_STS register has been asserted.
The BOOT_DONE_STS signal is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event - s
ee “Interrupts”. Under default register conditions, a falling edge on the IRQ
¯¯¯ pin will
indicate completion of the Boot Sequence.
The BOOT_DONE_STS signal can also generate a GPIO output, providing an external indication of
the Boot Sequence. See “General Purpose Input / Output” to configure a GPIO pin for this function.
For details of the Boot Sequence, s
ee “Control Write Sequencer”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3363
(0D23h)
Interrupt
Raw
Status 5
8
BOOT_DONE_S
TS
0
Boot Status
0 = Busy (boot sequence in progress)
1 = Idle (boot sequence completed)
Control register writes should not be
attempted until Boot Sequence has
completed.
Table 128 Device Boot-Up Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com