Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6402 Datasheet(PDF) 6 Page - Harris Corporation

Part # HD6402
Description  CMOS Universal Asynchronous Receiver Transmitter (UART)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HD6402 Datasheet(HTML) 6 Page - Harris Corporation

  HD6402 Datasheet HTML 1Page - Harris Corporation HD6402 Datasheet HTML 2Page - Harris Corporation HD6402 Datasheet HTML 3Page - Harris Corporation HD6402 Datasheet HTML 4Page - Harris Corporation HD6402 Datasheet HTML 5Page - Harris Corporation HD6402 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-112
Die Characteristics
DIE DIMENSIONS:
126.4 mils x 134.3 mils x 19 mils
METALLIZATION:
Type: Si-Al
Thickness: 10k
Å - 12kÅ
GLASSIVATION:
Type: SiO2
Thickness: 7k
Å - 9kÅ
WORST CASE CURRENT DENSITY:
1.42 x 105 A/cm2
Metallization Mask Layout
HD-6402/883
RBR7
RBR6
RBR5
RBR4
RBR3
RBR2
RBR1
PE
FE
OE
SFD
PI
CRL
TBR8
TBR7
TBR6
TBR5
TBR4
TBR3
TBR2
TBR
RO
RBR8
RRD GND NC VCC
TRC
EPE CLS1 CLS2
SBS
RRC
DRR
DR
RRI
MR
TBRE TBRL TRE
HD-6402/883



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com