Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6402 Datasheet(PDF) 4 Page - Harris Corporation

Part # HD6402
Description  CMOS Universal Asynchronous Receiver Transmitter (UART)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HD6402 Datasheet(HTML) 4 Page - Harris Corporation

  HD6402 Datasheet HTML 1Page - Harris Corporation HD6402 Datasheet HTML 2Page - Harris Corporation HD6402 Datasheet HTML 3Page - Harris Corporation HD6402 Datasheet HTML 4Page - Harris Corporation HD6402 Datasheet HTML 5Page - Harris Corporation HD6402 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-110
TABLE 3. HD-6402/883 ELECTRICAL PERFORMANCE SPECIFICATIONS
A.C. PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CIN
f = 1Mhz
All Measurements are
Referenced to Device GND
1TA = +25
oC
-
25.0
pF
Output Capacitance
CO
1
TA = +25
oC
-
25.0
pF
Operating Supply Current
ICCOP
VCC = 5.5V,
Clock Freq. = 2MHz,
VIN = VCC or GND,
Outputs Open
1
-55oC
≤ TA ≤ +125oC
-
2.0
mA
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are char-
acterized upon initial design and after major process and/or design changes.
TABLE 4. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
1, 7, 9
PDA
100%
1
Final Test
100%
2, 3, 8A, 8B, 10, 11
Group A
-
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group C and D
Samples/5005
1, 7, 9
HD-6402/883



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com