Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6402 Datasheet(PDF) 1 Page - Harris Corporation

Part # HD6402
Description  CMOS Universal Asynchronous Receiver Transmitter (UART)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HD6402 Datasheet(HTML) 1 Page - Harris Corporation

  HD6402 Datasheet HTML 1Page - Harris Corporation HD6402 Datasheet HTML 2Page - Harris Corporation HD6402 Datasheet HTML 3Page - Harris Corporation HD6402 Datasheet HTML 4Page - Harris Corporation HD6402 Datasheet HTML 5Page - Harris Corporation HD6402 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCT OR
5-107
March 1997
HD-6402/883
CMOS Universal Asynchronous
Receiver Transmitter (UART)
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• 8.0MHz Operating Frequency (HD-6402/883B)
• 2.0MHz Operating Frequency (HD-6402/883R)
• Low Power CMOS Design
• Programmable Word Length, Stop Bits and Parity
• Automatic Data Formatting and Status Generation
• Compatible with Industry Standard UARTs
• Single +5V Power Supply
• CMOS/TTL Compatible Inputs
Description
The HD-6402/883 is a CMOS UART for interfacing comput-
ers or microprocessors to an asynchronous serial data chan-
nel. The receiver converts serial start, data, parity and stop
bits. The transmitter converts parallel data into serial form
and automatically adds start, parity and stop bits. The data
word length can be 5, 6, 7 or 8 bits. Parity may be odd or
even. Parity checking and generation can be inhibited. The
stop bits may be one or two or one and one-half when trans-
mitting 5-bit code.
The HD-6402/883 can be used in a wide range of applica-
tions including modems, printers, peripherals and remote
data acquisition systems. Utilizing the Harris advanced
scaled SAJI IV CMOS process permits operation clock fre-
quencies up to 8.0MHz (500K Baud). Power requirements,
by comparison, are reduced from 300mW to 10mW. Status
logic increases flexibility and simplifies the user interface.
Pinout
HD-6402/883 (CERDIP)
TOP VIEW
Ordering Information
PACKAGE
TEMPERATURE RANGE
2MHz = 125K BAUD
8MHz = 500K BAUD
PKG. NO.
CERDIP
-55oC to +125oC
HD1-6402R/883
HD1-6402B/883
F40.6
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
VCC
NC
GND
RRD
RBR8
RBR7
RBR6
RBR5
RBR4
RBR3
RBR2
RBR1
PE
FE
OE
SFD
RRC
DRR
DR
RRI
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
TRC
EPE
CLS1
CLS2
SBS
PI
CRL
TBR8
TBR7
TBR6
TBR5
TBR4
TBR3
TBR2
TBR1
TRO
TRE
TBRL
TBRE
MR
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
2953.1


Similar Part No. - HD6402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD6409 INTERSIL-HD6409 Datasheet
68Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
More results

Similar Description - HD6402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Harris Corporation
CDP6402 HARRIS-CDP6402 Datasheet
68Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
Intersil Corporation
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
CDP6402 INTERSIL-CDP6402 Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402_05 Datasheet
218Kb / 7P
CMOS Universal Asynchronous Receiver Transmitter (UART)
October 31, 2005
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
Universal Asynchronous Receiver Transmitter(UART)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com