Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6402 Datasheet(PDF) 5 Page - Harris Corporation

Part # HD6402
Description  CMOS Universal Asynchronous Receiver Transmitter (UART)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HD6402 Datasheet(HTML) 5 Page - Harris Corporation

  HD6402 Datasheet HTML 1Page - Harris Corporation HD6402 Datasheet HTML 2Page - Harris Corporation HD6402 Datasheet HTML 3Page - Harris Corporation HD6402 Datasheet HTML 4Page - Harris Corporation HD6402 Datasheet HTML 5Page - Harris Corporation HD6402 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-111
Burn-In Circuits
HD-6402/883 CERDIP
NOTES:
1. VCC = 5.5V
± 0.5V
2. F0 = 100kHz
± 10%
3. R1 = 47k
Ω, 1/4W ± 10%
4. C = 0.01
µF minimum
5. One socket per board should not be loaded, but rather have pin 24 go the “C” of the 4011.
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
1
2
3
4
5
6
7
14
13
12
11
10
9
8
4011
QUAD
NAND
GATE
VCC
R1
R1
VCC
DIP
HD-6402/883
DETAIL
DETAIL
A
B
B
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
R1
R1
R1
VCC
F0
GND
GND
GND
C
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
GND
F0
VCC
VCC
VCC
VCC
GND
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
(NOTE 5)
NOTE: ONE PER BOARD
VCC
C
C (NOTE 5)
F0
HD-6402/883



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com