Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6402 Datasheet(PDF) 3 Page - Harris Corporation

Part # HD6402
Description  CMOS Universal Asynchronous Receiver Transmitter (UART)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HD6402 Datasheet(HTML) 3 Page - Harris Corporation

  HD6402 Datasheet HTML 1Page - Harris Corporation HD6402 Datasheet HTML 2Page - Harris Corporation HD6402 Datasheet HTML 3Page - Harris Corporation HD6402 Datasheet HTML 4Page - Harris Corporation HD6402 Datasheet HTML 5Page - Harris Corporation HD6402 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5-109
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage Applied. . . . . GND -0.5V to VCC +0.5V
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Typical Derating Factor . . . . . . . . . . . . 1mA/MHz Increase in ICCOP
Thermal Resistance
θJA
θJC
CERDIP Package . . . . . . . . . . . . . . . .
50oC/W
12oC/W
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1643 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range . . . . . . . . . . . . . . . .-55oC to +125oC
TABLE 1. HD-6402/883 D.C. ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
D.C. PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Logical ‘‘1’’ Input Voltage
VIH
VCC = 5.5V
1, 2, 3
-55oC
≤ TA ≤ +125oC
2.3
-
V
Logical ‘‘0’’ Input Voltage
VIL
VCC = 4.5V
1, 2, 3
-55oC
≤ TA ≤ +125oC
-
0.8
V
Input Leakage Current
IID
VIN = GND or VCC,
VCC = 5.5V
1, 2, 3
-55oC
≤ TA ≤ +125oC
-1.0
1.0
µA
Logical ‘‘1’’ Output Voltage
VOH
IOH = -2.5mA,
VCC = 4.5V (Note 1)
1, 2, 3
-55oC
≤ TA ≤ +125oC
3.0
-
V
Logical ‘‘1’’ Output Voltage
VOH
IOH = -100
µA
VCC = 4.5V (Note 1)
1, 2, 3
-55oC
≤ TA ≤ +125oC
VCC
-0.4
-V
Logical ‘‘0’’ Output Voltage
VOL
IOL = +2.5mA,
VCC = 4.5V (Note 1)
1, 2, 3
-55oC
≤ TA ≤ +125oC
-
0.4
V
Output Leakage Current
IO
VO = GND or VCC,
VCC = 5.5V
1, 2, 3
-55oC
≤ TA ≤ +125oC
-1.0
1.0
µA
Standby Supply Current
ICCSB
VIN = GND or VCC;
VCC = 5.5V,
Output Open
1, 2, 3
-55oC
≤ TA ≤ +125oC
-
100
µA
TABLE 2. HD-6402/883 A.C. ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
A.C.
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
HD-6402/883R
LIMITS
HD-6402/883B
UNITS
MIN
MAX
MIN
MAX
Clock Frequency
(1) fCLOCK
VCC = 4.5V
CL = 50pF
9, 10, 11
-55oC
≤ TA ≤ +125oC
-
2.0
-
8.0
MHz
Pulse Widths,
CRL, DRR, TBRL
(2) tPW
9, 10, 11
-55oC
≤ TA ≤ +125oC
150
-
75
-
ns
Pulse Width MR
(3) tMR
9, 10, 11
-55oC
≤ TA ≤ +125oC
150
-
150
-
ns
Input Data Setup
Time
(4) tSET
9, 10, 11
-55oC
≤ TA ≤ +125oC
50
-
20
-
ns
Input Data Hold
Time
(5) tHOLD
9, 10, 11
-55oC
≤ TA ≤ +125oC
60
-
20
-
ns
Output Enable
Time
(6) tEN
9, 10, 11
-55oC
≤ TA ≤ +125oC
-
160
-
35
ns
NOTE:
1. Interchanging of force and sense conditions is permitted.
2. Tested with input levels of VIH = 2.76V and VIL = 0.4V. Rise and fall times are driven at 1ns/V.
HD-6402/883



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com