Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1613 Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 28Page - Microchip Technology PIC16F1613 Datasheet HTML 29Page - Microchip Technology PIC16F1613 Datasheet HTML 30Page - Microchip Technology PIC16F1613 Datasheet HTML 31Page - Microchip Technology PIC16F1613 Datasheet HTML 32Page - Microchip Technology PIC16F1613 Datasheet HTML 33Page - Microchip Technology PIC16F1613 Datasheet HTML 34Page - Microchip Technology PIC16F1613 Datasheet HTML 35Page - Microchip Technology PIC16F1613 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
PIC12(L)F1612/16(L)F161X
DS40001720C-page 32
Preliminary
 2013-2014 Microchip Technology Inc.
8.1
AC Timing Diagrams
FIGURE 8-1:
PROGRAMMING MODE ENTRY – VDD FIRST
FIGURE 8-2:
PROGRAMMING MODE ENTRY – VPP FIRST
TPINT
Internally timed programming operation time
—
—
—
—
2.5
5
ms
ms
Program memory
Configuration Words
TPEXT
Externally timed programming pulse
1.0
—
2.1
ms
Note 1
TDIS
Time delay from program to compare
(HV discharge time)
300
—
—
s
TEXIT
Time delay when exiting Program/Verify mode
1
—
—
s
TABLE 8-1:
AC/DC CHARACTERISTICS TIMING REQUIREMENTS FOR PROGRAM/VERIFY
MODE (CONTINUED)
AC/DC CHARACTERISTICS
Standard Operating Conditions
Production tested at 25°C
Sym.
Characteristics
Min.
Typ.
Max.
Units
Conditions/Comments
Note
1:
Externally timed writes are not supported for Configuration and Calibration bits.
VPP
TENTH
VDD
TENTS
ICSPDAT
ICSPCLK
VIHH
VIL
TENTH
ICSPDAT
ICSPCLK
VDD
TENTS
VPP
VIHH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com