Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1613 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 16Page - Microchip Technology PIC16F1613 Datasheet HTML 17Page - Microchip Technology PIC16F1613 Datasheet HTML 18Page - Microchip Technology PIC16F1613 Datasheet HTML 19Page - Microchip Technology PIC16F1613 Datasheet HTML 20Page - Microchip Technology PIC16F1613 Datasheet HTML 21Page - Microchip Technology PIC16F1613 Datasheet HTML 22Page - Microchip Technology PIC16F1613 Datasheet HTML 23Page - Microchip Technology PIC16F1613 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
PIC12(L)F1612/16(L)F161X
DS40001720C-page 20
Preliminary
 2013-2014 Microchip Technology Inc.
4.3.6
BEGIN INTERNALLY TIMED PROGRAMMING
A Load Configuration or Load Data for Program Memory command must be given before every Begin Programming
command. Programming of the addressed memory will begin after this command is received. An internal timing
mechanism executes the write. The user must allow for the program cycle time, TPINT, for the programming to complete.
The End Externally Timed Programming command is not needed when the Begin Internally Timed Programming is used
to start the programming.
The program memory address that is being programmed is not erased prior to being programmed.
FIGURE 4-6:
BEGIN INTERNALLY TIMED PROGRAMMING
4.3.7
BEGIN EXTERNALLY TIMED PROGRAMMING
A Load Configuration or Load Data for Program Memory command must be given before every Begin Programming
command. Programming of the addressed memory will begin after this command is received. To complete the
programming the End Externally Timed Programming command must be sent in the specified time window defined by
TPEXT (see Figure 4-7).
Externally timed writes are not supported for Configuration and Calibration bits. Any externally timed write to the
Configuration or Calibration Word will have no effect on the targeted word.
FIGURE 4-7:
BEGIN EXTERNALLY TIMED PROGRAMMING
12
3
4
5
6
12
ICSPCLK
ICSPDAT
3
TPINT
X
1
0
0
0
X
X
X
0
Next Command
X
1
0
1
23
45
61
2
ICSPCLK
ICSPDAT
0
0
0
1
1
0
End Externally Timed Programming
Command
TPEXT
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com