Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1613 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 10Page - Microchip Technology PIC16F1613 Datasheet HTML 11Page - Microchip Technology PIC16F1613 Datasheet HTML 12Page - Microchip Technology PIC16F1613 Datasheet HTML 13Page - Microchip Technology PIC16F1613 Datasheet HTML 14Page - Microchip Technology PIC16F1613 Datasheet HTML 15Page - Microchip Technology PIC16F1613 Datasheet HTML 16Page - Microchip Technology PIC16F1613 Datasheet HTML 17Page - Microchip Technology PIC16F1613 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
PIC12(L)F1612/16(L)F161X
DS40001720C-page 14
Preliminary
 2013-2014 Microchip Technology Inc.
bit 6-5
WDTE<1:0>: WDT Operating mode:
00
= OFF
- WDT disabled, SWDTEN is ignored
01
= SWDTEN
- WDT enabled/disabled by SWDTEN bit in WDTCON0
10
= NSLEEP
- WDT enabled while Sleep = 0, suspended when Sleep = 1; SWDTEN ignored
11
= ON
- WDT enabled regardless of Sleep; SWDTEN is ignored
bit 4-0
WDTCPS<4:0>: WDT Period Select bits:
00000
= WDTCPS0
- 1:32 (1 ms period)(1)
00001
= WDTCPS1
- 1:64 (2 ms period)(1)
00010
= WDTCPS2
- 1:128 (4 ms period)(1)
00011
= WDTCPS3
- 1:256 (8 ms period)(1)
00100
= WDTCPS4
- 1:512 (16 ms period)(1)
00101
= WDTCPS5
- 1:1024 (32 ms period)(1)
00110
= WDTCPS6
- 1:2048 (64 ms period)(1)
00111
= WDTCPS7
- 1:4096 (128 ms period)(1)
01000
= WDTCPS8
- 1:8192 (256 ms period)(1)
01001
= WDTCPS9
- 1:16384 (512 ms period)(1)
01010
= WDTCPSA
- 1:32768 (1s period)(1)
01011
= WDTCPSB
- 1:65536 (2s period)(1)
01100
= WDTCPSC
- 1:131072 (4s period)(1)
01101
= WDTCPSD
- 1:262144 (8s period)(1)
01110
= WDTCPSE
- 1:524299 (16s period)(1)
01111
= WDTCPSF
- 1:1048576 (32s period)(1)
10000
= WDTCPS10 - 1:2097152 (64s period)(1)
10001
= WDTCPS11 - 1:4194304 (128s period)(1)
10010
= WDTCPS12 - 1:8388608 (256s period)(1)
10011
= Reserved
...
11110
= Reserved
11111
= WDTCPS1F - 1:65536 (2s period)(1), (2)
REGISTER 3-5:
CONFIGURATION WORD 3 (CONTINUED)
Note
1:
Typical time-out based on 31 kHz clock.
2:
Software-controlled (WDTPS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com