Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1613 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 8Page - Microchip Technology PIC16F1613 Datasheet HTML 9Page - Microchip Technology PIC16F1613 Datasheet HTML 10Page - Microchip Technology PIC16F1613 Datasheet HTML 11Page - Microchip Technology PIC16F1613 Datasheet HTML 12Page - Microchip Technology PIC16F1613 Datasheet HTML 13Page - Microchip Technology PIC16F1613 Datasheet HTML 14Page - Microchip Technology PIC16F1613 Datasheet HTML 15Page - Microchip Technology PIC16F1613 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
PIC12(L)F1612/16(L)F161X
DS40001720C-page 12
Preliminary
 2013-2014 Microchip Technology Inc.
bit 2-0
FOSC<2:0>: Oscillator Selection bits
111
= ECH
- External Clock, High-Power mode: on CLKIN pin
110
= ECM
- External Clock, Medium-Power mode: on CLKIN pin
101
= ECL
- External Clock, Low-Power mode: on CLKIN pin
100
= INTOSC - I/O function on OSC1 pin
011
= Reserved
010
= HS
- HS Oscillator, High-speed crystal/resonator connected between OSC1 and OSC2 pins
001
= Reserved
000
= Reserved
REGISTER 3-4:
CONFIGURATION WORD 2
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
LVP(1)
DEBUG(2)
LPBOR
BORV
STVREN
PLLEN
bit 13
bit 8
R/P-1
U-1
U-1
U-1
U-1
R/P-1
R/P-1
R/P-1
ZCD
—
—
—
—PPS1WAY(3)
WRT1
WRT0
bit 7
bit 0
Legend:
W = Writable bit
‘0’ = Bit is cleared
R = Readable bit
‘1’ = Bit is set
x = Bit is unknown
-n = Value at POR
U = Unimplemented bit
P = Programmable Bit
bit 13
LVP: Low-Voltage Programming Enable bit(1)
1
= ON
- Low-voltage programming enabled
0
= OFF
- High voltage on MCLR/VPP must be used for programming
bit 12
DEBUG: Debugger mode(2)
1
= OFF
- In-circuit debugger is disabled
0
= ON
- In-circuit debugger is enabled
bit 11
LPBOR: Low-Power BOR bit
1
= OFF
- Low-Power BOR is disabled
0
= ON
- Low-Power BOR is enabled
bit 10
BORV: Brown-out Reset Voltage Selection bit
1
= LOW
- Brown-out Reset Voltage (VBOR) set to 1.9V on LF devices, and 2.45V on F devices
0
= HIGH - Brown-out Reset Voltage (VBOR) set to 2.7V
bit 9
STVREN: Stack Overflow/Underflow Reset Enable bit
1
= ON
- Stack Overflow or Underflow will cause a Reset
0
= OFF
- Stack Overflow or Underflow will not cause a Reset
bit 8
PLLEN: PLL Enable bit
1
= ON
- 4x PLL will be enabled for external clock, if FOSC = EC, or for INTOSC, if IRCF = 8 MHz or 16 MHz
0
= OFF
- 4x PLL disabled
bit 7
ZCD: ZCD Disable bit
1
= OFF
- ZCD disabled. ZCD can be enabled by setting the ZCDSEN bit of ZCDCON
0
= ON
- ZCD always enabled
bit 6-3
Unimplemented: Read as ‘1’
Note
1:
The LVP bit cannot be programmed to ‘0’ when Programming mode is entered via LVP.
2:
The Debug mode is controlled by the MPLAB® IDE.
3:
This bit is only implemented on the PIC16(L)F1614/5/8/9. It acts as Unimplemented: Read as '1' on all other parts in
the family.
REGISTER 3-3:
CONFIGURATION WORD 1 (CONTINUED)
Note
1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire program memory will be erased when the code protection is turned off.
3:
This bit should be maintained as ‘1’ when programmed.
4:
These bits are only implemented on the PIC16(L)F1615/9. They act as Unimplemented: Read as ‘1’ on all other parts
in the family.
5:
This bit is forced to ‘1’ on the PIC12(L)F1612 and PIC16(L)F1613/4/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com