Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9371BBCZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 41Page - Analog Devices AD9371BBCZ Datasheet HTML 42Page - Analog Devices AD9371BBCZ Datasheet HTML 43Page - Analog Devices AD9371BBCZ Datasheet HTML 44Page - Analog Devices AD9371BBCZ Datasheet HTML 45Page - Analog Devices AD9371BBCZ Datasheet HTML 46Page - Analog Devices AD9371BBCZ Datasheet HTML 47Page - Analog Devices AD9371BBCZ Datasheet HTML 48Page - Analog Devices AD9371BBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 45 of 60
0
–100
018
OBSERVATION RECEIVER ATTENUATION (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
36
9
12
15
+110°C
+40°C
–40°C
Figure 171. Observation Receiver HD3 vs. Observation Receiver Attenuation,
3500 MHz LO, CW Signal 25 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
240 MHz RF Bandwidth, 307.2 MSPS Sample Rate
–40
–120
SNIFFER RECEIVER LO FREQUENCY (MHz)
–110
–100
–90
–80
–70
–60
–50
3300
3800
3400
3500
3600
3700
+110°C
+40°C
–40°C
Figure 172. Sniffer Receiver LO Leakage vs. Sniffer Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
20
0
3300
3800
SNIFFER RECEIVER LO FREQUENCY (MHz)
3400
3500
3600
3700
2
4
6
8
10
12
14
16
18
+110°C
+40°C
–40°C
Figure 173. Sniffer Receiver Noise Figure vs. Sniffer Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF Bandwidth, 38.4 MSPS Sample Rate,
10 MHz Integration Bandwidth
90
0
218
INTERMODULATION FREQUENCY (MHz)
10
20
30
40
50
60
70
80
610
14
+110°C
+40°C
–40°C
Figure 174. Sniffer Receiver IIP2 vs. Intermodulation Frequency (f2 − f1),
3500 MHz LO, 0 dB Attenuation, 20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
20
–10
012
INTERMODULATION FREQUENCY (MHz)
–5
0
5
10
15
24
68
10
+110°C
+40°C
–40°C
Figure 175. Sniffer Receiver IIP3 vs. Intermodulation Frequency (f2 − 2f1),
3500 MHz LO, 0 dB Attenuation, 20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
0
–100
050
SNIFFER RECEIVER ATTENUATION (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
5
101520
253035
40
45
+110°C
+40°C
–40°C
Figure 176. Sniffer Receiver Image vs. Sniffer Receiver Attenuation,
3500 MHz LO, CW Signal 5 MHz Offset, 20 MHz RF Bandwidth,
38.4 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com