Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9371BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 24Page - Analog Devices AD9371BBCZ Datasheet HTML 25Page - Analog Devices AD9371BBCZ Datasheet HTML 26Page - Analog Devices AD9371BBCZ Datasheet HTML 27Page - Analog Devices AD9371BBCZ Datasheet HTML 28Page - Analog Devices AD9371BBCZ Datasheet HTML 29Page - Analog Devices AD9371BBCZ Datasheet HTML 30Page - Analog Devices AD9371BBCZ Datasheet HTML 31Page - Analog Devices AD9371BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 28 of 60
40
0
15
10
5
20
25
30
35
5
1015202530
INTERMODULATION FREQUENCY (MHz)
f2 – 2f1, +110°C
f2 – 2f1, +40°C
f2 – 2f1, –40°C
f2 + 2f1, +110°C
f2 + 2f1, +40°C
f2 + 2f1, –40°C
Figure 70. Receiver IIP3 vs. Intermodulation Frequency, 2600 MHz LO,
0 dB Attenuation, 40 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–100
–90
–80
–70
–60
–50
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 71. Receiver Image vs. Receiver Attenuation, 2600 MHz LO,
Continuous Wave (CW) Signal 5 MHz Offset, 40 MHz RF Bandwidth,
Background Tracking Calibration (BTC) Active, 122.88 MSPS Sample Rate
25
–15
–10
0
10
20
–5
5
15
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 72. Receiver Gain vs. Receiver Attenuation, 2600 MHz LO, CW Signal
5 MHz Offset, 40 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–120
–80
–60
–90
–100
–110
–70
–50
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 73. Receiver DC Offset vs. Receiver Attenuation, 2550 MHz LO,
40 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–110
–100
–80
–60
–90
–70
–50
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 74. Receiver HD2 vs. Receiver Attenuation, 2600 MHz LO, CW Signal 5 MHz
Offset, −20 dBm at 0 dB Attenuation, Input Power Increasing Decibel for
Decibel with Attenuation, 40 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–110
–100
–80
–60
–90
–70
–50
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 75. Receiver HD3 vs. Receiver Attenuation, 2600 MHz LO, CW Signal 5 MHz
Offset, −20 dBm at 0 dB Attenuation, Input Power Increasing Decibel for
Decibel with Attenuation, 40 MHz RF Bandwidth, 122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com