Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9371BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 14Page - Analog Devices AD9371BBCZ Datasheet HTML 15Page - Analog Devices AD9371BBCZ Datasheet HTML 16Page - Analog Devices AD9371BBCZ Datasheet HTML 17Page - Analog Devices AD9371BBCZ Datasheet HTML 18Page - Analog Devices AD9371BBCZ Datasheet HTML 19Page - Analog Devices AD9371BBCZ Datasheet HTML 20Page - Analog Devices AD9371BBCZ Datasheet HTML 21Page - Analog Devices AD9371BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 18 of 60
40
0
5
10
15
20
25
30
35
468
10
12
INTERMODULATION FREQUENCY (MHz)
f2 – 2f1, +110°C
f2 – 2f1, +40°C
f2 – 2f1, –40°C
f2 + 2f1, +110°C
f2 + 2f1, +40°C
f2 + 2f1, –40°C
Figure 11. Receiver IIP3 vs. Intermodulation Frequency, 900 MHz LO,
0 dB Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
0
–110
–100
–90
–80
–70
–60
–50
–40
–20
–30
–10
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 12. Receiver Image vs. Receiver Attenuation, 800 MHz LO, Continuous
Wave (CW) Signal 3 MHz Offset, 20 MHz RF Bandwidth, Background
Tracking Calibration (BTC) Active, 30.72 MSPS Sample Rate
25
–15
–10
–5
0
5
15
10
20
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 13. Receiver Gain vs. Receiver Attenuation, 800 MHz LO, CW Signal
3 MHz Offset, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
–40
–110
–100
–90
–80
–70
–60
–50
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 14. Receiver DC Offset vs. Receiver Attenuation, 800 MHz LO,
20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
–40
–110
–100
–90
–80
–70
–60
–50
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 15. Receiver HD2 vs. Receiver Attenuation, 800 MHz LO, CW Signal
3 MHz Offset, −20 dBm at 0 dB Attenuation, Input Power Increasing Decibel for
Decibel with Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
–40
–110
–100
–90
–80
–70
–60
–50
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 16. Receiver HD3 vs. Receiver Attenuation, 800 MHz LO, CW Signal
3 MHz Offset, −20 dBm at 0 dB Attenuation, Input Power Increasing Decibel for
Decibel with Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com