Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9371BBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 19Page - Analog Devices AD9371BBCZ Datasheet HTML 20Page - Analog Devices AD9371BBCZ Datasheet HTML 21Page - Analog Devices AD9371BBCZ Datasheet HTML 22Page - Analog Devices AD9371BBCZ Datasheet HTML 23Page - Analog Devices AD9371BBCZ Datasheet HTML 24Page - Analog Devices AD9371BBCZ Datasheet HTML 25Page - Analog Devices AD9371BBCZ Datasheet HTML 26Page - Analog Devices AD9371BBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 23 of 60
0.10
–0.10
–0.06
–0.02
–0.08
–0.04
0
0.02
0.04
0.06
0.08
0
5
10
15
20
25
30
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 41. Tx Attenuation Step Error vs. RF Attenuation, 800 MHz LO,
810 MHz CW Desired Signal, 20 MHz RF Bandwidth,
122.88 MSPS Sample Rate
0.5
–0.5
–0.3
–0.1
–0.4
–0.2
0
0.1
0.2
0.3
0.4
–50
–40
–20
0
20
–30
–10
10
30
40
50
FREQUENCY OFFSET FROM LO (MHz)
Figure 42. Transmitter Frequency Response Deviation from Flatness vs.
Frequency Offset from LO, 800 MHz LO, 20 MHz RF Bandwidth,
6 dB Digital Backoff, 122.88 MSPS Sample Rate
–40
–100
–90
–80
–70
–60
–50
300
400
500
600
700
800
900
1000
OBSERVATION RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 43. Observation Receiver LO Leakage vs. Observation Receiver LO
Frequency, 0 dB Receiver Attenuation, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate
30
0
5
10
15
20
25
300
400
500
600
700
800
900
1000
OBSERVATION RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 44. Observation Receiver Noise Figure vs. Observation Receiver LO
Frequency, 0 dB Receiver Attenuation, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate, 100 MHz Integration Bandwidth
80
0
10
20
30
40
50
60
70
0
306090
100
20
50
80
10
40
70
110
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 45. Observation Receiver IIP2 vs. f1 Offset Frequency, 900 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, f2 = f1 + 1 MHz,
122.88 MSPS Sample Rate
80
0
10
20
30
40
50
60
70
020
35
50
55
15
30
45
10
25
40
60
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 46. Observation Receiver IIP2 vs. Intermodulation Frequency (f2 − f1),
900 MHz LO, 0 dB Attenuation, 100 MHz RF Bandwidth,
122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com