Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9371BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 6Page - Analog Devices AD9371BBCZ Datasheet HTML 7Page - Analog Devices AD9371BBCZ Datasheet HTML 8Page - Analog Devices AD9371BBCZ Datasheet HTML 9Page - Analog Devices AD9371BBCZ Datasheet HTML 10Page - Analog Devices AD9371BBCZ Datasheet HTML 11Page - Analog Devices AD9371BBCZ Datasheet HTML 12Page - Analog Devices AD9371BBCZ Datasheet HTML 13Page - Analog Devices AD9371BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 10 of 60
Parameter
Min
Typ
Max
Unit
Test Conditions / Comments
Total Power Dissipation
2.70
W
POSITIVE SUPPLY CURRENT (Tx MODE)
Two Tx channels enabled, Rx downconverter disabled, 200 MHz
Tx BW, 245.76 MSPS data rate (ORx disabled)
VDDA_1P3 Analog Supplies1
1000
mA
VDIG Supply
410
mA
Tx QEC2 active
VDDA_1P8 Supply
Full-scale CW3
405
mA
Tx RF attenuation = 0 dB,
80
mA
Tx RF attenuation = 15 dB
VDD_IF Supply
8
mA
VDDA_3P3 Supply
1
mA
No auxiliary DACs or auxiliary ADCs enabled; if enabled, the
auxiliary ADC adds 2.7 mA, and each auxiliary ADC adds 1.5 mA
VDDA_SER, VDDA_DES,
JESD_VTT_DES Supplies
375
mA
Total Power Dissipation
Typical supply voltages, Tx QEC2 active
3.70
W
Tx RF attenuation = 0 dB
3.11
W
Tx RF attenuation = 15 dB
POSITIVE SUPPLY CURRENT (FDD MODE),
2× Rx, 2× Tx, ORx ACTIVE
100 MHz Rx BW, 122.88 MSPS data rate; 200 MHz Tx BW,
245.76 MSPS data rate; 200 MHz ORx BW, 245.76 MSPS data rate
VDDA_1P3 Analog Supplies1
1700
mA
VDIG Supply
1080
mA
Tx QEC2 active
VDDA_1P8 Supply
Full-scale CW3
405
mA
Tx RF attenuation = 0 dB
80
mA
Tx RF attenuation = 15 dB
VDD_IF Supply
8
mA
VDDA_3P3 Supply
2
mA
No auxiliary DACs or auxiliary ADCs enabled; if enabled, the
auxiliary ADC adds 2.7 mA, and each auxiliary ADC adds 1.5 mA
VDDA_SER, VDDA_DES,
JESD_VTT_DES Supplies
375
mA
Total Power Dissipation
Typical supply voltages, Tx QEC2 active
4.86
W
Tx RF attenuation = 0 dB
4.27
W
Tx RF attenuation = 15 dB
MAXIMUM OPERATING JUNCTION
TEMPERATURE
110
°C
Device designed for 10-year lifetime when operating at
maximum junction temperature
1
VDDA_1P3 refers to all analog 1.3 V supplies including the following: VDDA_BB, VDDA_CLKSYNTH, VDDA_TXLO, VDDA_RXRF, VDDA_RXSYNTH, VDDA_RXVCO,
VDDA_RXTX, VDDA_TXSYNTH, VDDA_TXVCO, VDDA_CALPLL, VDDA_SNRXSYNTH, VDDA_SNRXVCO, VDDA_CLK, and VDDA_RXLO.
2
QEC is the system for minimizing quadrature images of a desired signal.
3
Continuous wave (CW) is a single frequency signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com