Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC1982 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1982
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1982 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC1982 Datasheet HTML 1Page - National Semiconductor (TI) LMC1982 Datasheet HTML 2Page - National Semiconductor (TI) LMC1982 Datasheet HTML 3Page - National Semiconductor (TI) LMC1982 Datasheet HTML 4Page - National Semiconductor (TI) LMC1982 Datasheet HTML 5Page - National Semiconductor (TI) LMC1982 Datasheet HTML 6Page - National Semiconductor (TI) LMC1982 Datasheet HTML 7Page - National Semiconductor (TI) LMC1982 Datasheet HTML 8Page - National Semiconductor (TI) LMC1982 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ = 9V, f
IN = 1 kHz, input signal (300 mV) applied to INPUT 1, volume = 0 dB, bass =
0 dB, treble = 0 dB, enhanced stereo is off, and loudness is off unlessotherwise specified. All limits apply for T
A = TJ = +25˚C.
Symbol
Parameter
Conditions
Typical
Limit
Unit
(Note 6)
(Note 7)
(Limit)
Channel-to-Channel Volume
All Volume Attenuation Settings
Tracking Error
from 0100010XXX101XXX (80 dB)
±0.1
±1.5
dB (min)
to 0100010XXX000000 (0 dB)
Mute Attenuation
V
IN = 1.0 Vrms
105
86
dB (max)
Bass Gain Range
f
IN = 100 Hz, Pins 13, 16
±12
±10.0
dB (min)
±14.0
dB (max)
Bass Tracking Error
f
IN = 100 Hz, Pins 13, 16
±0.1
±1.5
dB (max)
Bass Step Size
f
IN = 100 Hz, Pins 13, 16
2.0
1.5
dB (min)
(Relative to Previous Level)
2.5
dB (max)
Treble Gain Range
f
IN = 10 kHz, Pins 13, 16
±12
±10.0
dB (min)
±14.0
dB (max)
Treble Tracking Error
f
IN = 10 kHz, Pins 13, 16
±0.1
±1.5
dB (max)
Treble Step Size
f
IN = 10 kHz, Pins 13, 16
2.0
1.5
dB (min)
(Relative to Previous Level)
2.5
dB (max)
Enhanced Stereo Cross
Coupling
(Note 10)
−4.4
−2.5
dB (min)
−6.9
dB (max)
Frequency Response
V
IN Applied to Input 1 and Input 2;
f
IN = 20 Hz − 20 kHz
±0.1
±1.0
dB (max)
(Relative to Signal Amplitude at 1 kHz)
Loudness
Volume Attenuator = 40 dB, Loudness
on (See
Figure 5)
Gain at 100 Hz (Referenced
11.5
13.5
dB (max)
to Gain at 1 kHz)
9.5
dB (min)
Gain at 10 kHz (Referenced
6.5
8.5
dB (max)
to Gain at 1 kHz)
4.5
dB (min)
Signal-to-Noise Ratio
V
IN = 1.0 Vrms, A Weighted,
95
90
dB (min)
Measured at 1 kHz, R
S = 470Ω
Channel Balance
All Volume Settings
0.2
1.0
dB (max)
Channel Separation
Input Pins 4, 25: Output Pins 13, 16;
80
60
dB (min)
V
IN = 1.0Vrms (Note 8)
Input-Input Isolation
470
Ω to AC Ground on Unused Input
95
60
dB (min)
PSSR
Power Supply Rejection Ratio
V
+ = 9V
DC; 200 mVrms, 100 Hz
32
28
dB (min)
Sinewave Applied to Pin 26
f
CLK
Clock Frequency
5.0
1.0
MHz
(max)
V
IN(1)
Logic “1” Input Voltage
Pins 1, 27, 28 (IM Bus)
1.3
2.0
V (min)
Pins 2, 3
2.9
5.5
V (min)
V
IN(0)
Logic “0” Input Voltage
Pins 1, 27, 28 (IM Bus)
0.4
0.8
V (max)
Pins 2, 3
1.2
3.5
V (max)
V
OUT(1)
Logic “1” Output Voltage
Pin 28 (IM Bus)
2.0
V (min)
V
OUT(0)
Logic “0” Output Voltage
Pin 28 (IM Bus)
0.4
0.8
V (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the deivce may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed speci-
fications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are specified with respect to ground.
Note 3: When the input voltage (VIN) at any pin exceeds the power supply voltages (VIN < V
− or V
IN > V
+) the absolute value of the current at that pin should be
limited to 5 mA or less. The 20 mA package input current limits the number of pins that can exceed the power supply voltages with 5 mA current limit to four.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com