Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC1982 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1982
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1982 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC1982 Datasheet HTML 1Page - National Semiconductor (TI) LMC1982 Datasheet HTML 2Page - National Semiconductor (TI) LMC1982 Datasheet HTML 3Page - National Semiconductor (TI) LMC1982 Datasheet HTML 4Page - National Semiconductor (TI) LMC1982 Datasheet HTML 5Page - National Semiconductor (TI) LMC1982 Datasheet HTML 6Page - National Semiconductor (TI) LMC1982 Datasheet HTML 7Page - National Semiconductor (TI) LMC1982 Datasheet HTML 8Page - National Semiconductor (TI) LMC1982 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMC1982
Digitally-Controlled Stereo Tone and Volume Circuit with
Two Selectable Stereo Inputs
General Description
The LMC1982 is a monolithic integrated circuit that provides
volume, balance, tone (bass and treble), enhanced stereo,
and loudness controls and selection between two pairs of
stereo inputs. These functions are digitally controlled
through a three-wire communication interface. There are two
digital inputs for easy interface to other audio peripherals
such as stereo decoders. The LMC1982 is designed for line
level input signals (300 mV–2V) and has a maximum gain of
−0.5 dB. Volume is set at minimum and tone controls are flat
when supply voltage is first applied.
Low noise and distortion result from using analog switches
and poly-silicon resistor networks in the signal path.
Additional tone control can be achieved using the LMC835
stereo
7-band
graphic
equalizer
connected
to
the
LMC1982’s SELECT OUT/SELECT IN external processor
loop.
Features
n Low noise and distortion
n Two pairs of stereo inputs
n Enhanced stereo function
n Loudness compensation
n 40 position 2 dB/step volume attenuator plus mute
n Independent left and right volume controls
n Low noise-suitable for use with DNR® and Dolby® noise
reduction
n External processor loop
n Signal handling suitable for compact discs
n Pop-free switching
n Serially programmable: INTERMETAL bus (IM) interface
n 6V to 12V single supply operation
n 28 Pin DIP or PLCC package
Applications
n Stereo television
n Music reproduction systems
n Sound reinforcement systems
n Electronic music (MIDI)
n Personal computer audio control
Block and Connection Diagrams
DNR® is a registered trademark of National Semiconductor Corporation.
Dolby® is a registered trademark of Dolby Labs.
DS011028-1
December 1994
© 1999 National Semiconductor Corporation
DS011028
www.national.com


Similar Part No. - LMC1982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1983CIN NSC-LMC1983CIN Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1983CIV NSC-LMC1983CIV Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
More results

Similar Description - LMC1982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4832 NSC-LM4832 Datasheet
688Kb / 22P
Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1992 NSC-LMC1992 Datasheet
260Kb / 14P
LMC1992 Digitally-Controlled Stereo Tone and Volume Circuit with Four-Channel Input-Selector
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
Stereo-tone/volume control circuit
September 1987
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
Stereo-tone/volume control circuit
May 1992
logo
MOSA ELECTRONICS
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com