Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC1982 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1982
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1982 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC1982 Datasheet HTML 2Page - National Semiconductor (TI) LMC1982 Datasheet HTML 3Page - National Semiconductor (TI) LMC1982 Datasheet HTML 4Page - National Semiconductor (TI) LMC1982 Datasheet HTML 5Page - National Semiconductor (TI) LMC1982 Datasheet HTML 6Page - National Semiconductor (TI) LMC1982 Datasheet HTML 7Page - National Semiconductor (TI) LMC1982 Datasheet HTML 8Page - National Semiconductor (TI) LMC1982 Datasheet HTML 9Page - National Semiconductor (TI) LMC1982 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Connection Diagrams
Pin Description
CLK (1)
The INTERMETAL (IM) Bus clock is applied
to the CLOCK pin. This input accepts a TTL
or CMOS level signal. The input is used to
clock the DATA signal. A data bit must be
valid on the rising clock edge.
DIGITAL INPUT
1 & 2 (2, 3)
Internally tied high to V
+ through a 30 k
Ω
pull-up resistor, these inputs allow a periph-
eral device to place any single-bit, active low
digital information onto the IM Bus. It is then
sent out to the controlling device through the
DATA pin. Examples of such information
could include indication of the presence of a
Second Audio Program (SAP) or an FM ste-
reo carrier.
INPUTS1&2
(4, 25; 5, 24)
These are the LMC1982’s two stereo input
pairs.
SELECT OUT
(6, 23)
The selected INPUT signal is available at this
output. This feature allows external signal
processors such as noise reduction or
graphic equalizers to be used. This output
can typically sink 1 mA. These pins should be
capacitively coupled to pins 7 and 22, re-
spectively, if no external processor is used.
SELECT IN
(7, 22)
These are the inputs that an external signal
processor uses to return a signal to the
LMC1982. These pins should be capacitively
coupled to pins 6 and 23, respectively, if no
external processor is used.
TONE IN
(8, 21)
These are the inputs to the tone control am-
plifier. See the Application Information sec-
tion titled “Tone Control Response”.
TONE OUT
(9, 20)
Tone control amplifier output. See the Appli-
cation Information section titled “Tone Control
Response”.
OP AMP
OUT (10, 19)
These outputs are used with external tone
control capacitors. Internally, this output is
applied to the volume attenuators.
LOUDNESS
(11, 18)
The output signal on these pins is a voltage
taken from the volume attenuator’s −40 dB
tap point. An external R–C network is con-
nected to these pins.
ENHANCED
STEREO
(12, 17)
An external R–C network is connected
across these pins. This provides left-right
channel cross-coupling and cancellation to
create an enhanced stereo channel separa-
tion effect.
MAIN
OUTPUT
(13, 16)
The output signal from these pins drives a
stereo power amplifier. The output can typi-
cally sink 1 mA.
BYPASS (14) A 10 µF capacitor is connected between this
pin and ground to provide an AC ground for
the internal half-supply voltage reference.
GROUND (15) This pin is connected to analog ground.
V+ (26)
This is the power supply connection. The
LMC1982 is operational with supply voltages
from 6V to 12V. This pin should be bypassed
to ground through a 1.0 µF capacitor.
ID (27)
This is the IDENTITY digital input that, when
low, signals the LMC1982 to receive, from a
controlling
device,
a
device
address
(40
H–47H), present on the DATA line.
DATA (28)
This is the serial data input for communica-
tions sent by a controller. The controller must
have open drain outputs used with external
pull-up resistors. The data rate has a maxi-
mum frequency of 1 MHz. The LMC1982 re-
quires 16 bits of data to control or change a
function: the first 8 bits select the LMC1982
and one of eight functions. The final eight bits
set the function to a desired value. The data
must be valid on the rising edge of the
CLOCK input signal.
DS011028-2
Top View
Order Number LMC1982CIN
See NS Package Number N28B
DS011028-12
Top View
Order Number LMC1982CIV
See NS Package Number V28A
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com