Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MM/T Datasheet(PDF) 46 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 46 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 42Page - Winbond WTS701MM/T Datasheet HTML 43Page - Winbond WTS701MM/T Datasheet HTML 44Page - Winbond WTS701MM/T Datasheet HTML 45Page - Winbond WTS701MM/T Datasheet HTML 46Page - Winbond WTS701MM/T Datasheet HTML 47Page - Winbond WTS701MM/T Datasheet HTML 48Page - Winbond WTS701MM/T Datasheet HTML 49Page - Winbond WTS701MM/T Datasheet HTML 50Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
WTS701
- 46 -
Controlling Text Conversion
The WTS701 offers several features to control text conversion. The PAUS (Pause) and RES
(Resume) commands allow the host to pause and then continue speech output. The FINW command
allows the host to end a conversion after the next whole word is spoken. The ST (Stop) command will
terminate a conversion immediately – even mid-word. To allow more advanced control, the WTS701
allows the host to interrogate the byte count register, which keeps track of the position in the input
stream that is currently being spoken. If the host wishes to repeat a spoken word, it should:
1. Read the byte count register
2. Send a FINW or ST command
3. Wait for ICNV
4. Send a new CONV command resending the data starting at the desired number of bytes,
according to the repeated spoken words, prior to the count returned in the byte count
In a similar way a skip function could be implemented to skip ahead words or sentences.
7.5 SPI INTERFACE
The SPI interface consists of the 4-wire bus SS , SCLK, MOSI and MISO. In addition, flow control
protocols are implemented via the R/ B signal and/or the WTS701 Status register transmitted via
MOSI. The WTS701 processor also has the option to communicate with the host via interrupt services
requested by the interrupt request line. The timing and behavior of these signals is dependent upon
the command class being executed, i.e., commands with or without associated data. Additionally the
use of the R/ B hardware control line is not compulsory; rather the host can monitor the R/ B bit of
the status register to determine when data has been accepted. The status register also contains the
ICMD bit. This bit is set to indicate an SPI transaction has been ignored, indicating that the WTS701
processor is unable to service a new command. Asynchronous (Class 0) commands are always
accepted. For more information, refer to subsection 7.3.1 which describes the command classes.
7.5.1 SPI Transactions
SPI Transactions with the WTS701 are broken down into four classes and four basic types:
Type I - Single Word Transactions
Single word transactions are Class 0 or Class 1 commands that have no data to transmit or transmit
all required data in the command data byte. R/ B will never become active for these commands.
ICMD could be active for a Class 1 command if the WTS701 is still interpreting the previous
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com