Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MM/T Datasheet(PDF) 55 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 55 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 51Page - Winbond WTS701MM/T Datasheet HTML 52Page - Winbond WTS701MM/T Datasheet HTML 53Page - Winbond WTS701MM/T Datasheet HTML 54Page - Winbond WTS701MM/T Datasheet HTML 55Page - Winbond WTS701MM/T Datasheet HTML 56Page - Winbond WTS701MM/T Datasheet HTML 57Page - Winbond WTS701MM/T Datasheet HTML 58Page - Winbond WTS701MM/T Datasheet HTML 59Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 55 -
Revision 3.09
7.7.3 Volume Change
The speech volume can be changed by sending SPI command to modify the speed or by adding
control character to control the volume in real-time.
0x16 ^V
Volume Change Flag. A space character is required after the control characters
before the input text string.
•
^V+: Increase volume by 1 (e.g. ‘^V+ Hello world’).
•
^V-: Decrease volume by 1.
•
^VX: Set the volume to X. X starts from 0 to 7 (e.g. ‘^V1 Hello world’).
Any number that is greater than 7 will be set to 0.
It’s the user’s responsibility to verify the WTS701 volume setting before sending a control character
and/or SPI command that modify volume.
7.7.4 Case Sensitivity
The way upper/lower case is handled can be changed by adding a control character in the text sent to
control the case sensitivity behavior in real-time.
0x15 ^U
All-Uppercase Word (all CAPs) Control Flag. This flag controls interpretation of strings
with all uppercase letters. A space character is required after the control characters before the acutual
input text string.
•
^U0: This is the default setting. Some all-uppercase words (all CAPs) are spelled out, but
others are treated as ordinary words, abbreviations, Roman numerals, ect. (e.g. ‘^U0 IBM
equals ‘i b m’).
•
^U1: Avoid spelling out all-uppercase words. Any all-uppercase word in the input string will
NOT be spelled out unless the system determines that the word is not pronounceable. In this
mode, there is no abbreviation support (e.g. ‘^U1 NOKIA’ equals ‘nokia’).
•
^U2: Spell out all words, regardless of case. All words in the input sting are spelled out in
this mode. There is no abbreviation support in this mode (e.g. ‘^U2 NOKIA’ equals ‘n o k i a’).
^U3: Force the all-capital words/strings to be spelled out regardless of string length. For
instance, ‘^U3 HELLO’ will be pronounced as ‘H’, ‘E’, ‘L’, ‘L’, ‘O’.
7.7.5. Pause Control
Pause control flage: ‘^QX’: Pauses with variant length can be added within a sentence by using the
‘^QX’ flag. ‘X’ is an integer which indicats the pause duration (‘X’ is 0.1 sec per unit). For instance,
‘^Q10’ will add in a 1-second pause.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com