Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MM/T Datasheet(PDF) 32 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 32 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 28Page - Winbond WTS701MM/T Datasheet HTML 29Page - Winbond WTS701MM/T Datasheet HTML 30Page - Winbond WTS701MM/T Datasheet HTML 31Page - Winbond WTS701MM/T Datasheet HTML 32Page - Winbond WTS701MM/T Datasheet HTML 33Page - Winbond WTS701MM/T Datasheet HTML 34Page - Winbond WTS701MM/T Datasheet HTML 35Page - Winbond WTS701MM/T Datasheet HTML 36Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
WTS701
- 32 -
SCOD
SET COD REGISTER
Set the COD (CODEC control) configuration register to value 0xNN.
The Default value of this register after Power-Up or Reset is 0x01. Refer to subsection 7.4.3 -
Configuration Registers, which describes all register bits.
SCOD
Class
1
Type
I
Host controller
0x4F
0xNN
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Set the COD (CODEC control) configuration register to value
0xNN.
SAUD
SET AUD REGISTER
Set the AUD (analog audio) configuration register to value 0xNN.
The Default value of this register after Power-Up or Reset is 0x43. Refer to subsection 7.4.3 -
Configuration Registers, which describes all register bits.
SAUD
Class
1
Type
I
Host controller
0x50
0xNN
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Set the AUD (analog audio) configuration register to value
0xNN.
SVOL
SET VOL REGISTER
Set the VOL (volume) configuration register to value 0xNN.
The Default value of this register after Power-Up or Reset is 0x07. Refer to subsection 7.4.3 -
Configuration Registers, which describes all register bits.
SVOL
Class
1
Type
I
Host controller
0x51
0xNN
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Set the VOL (volume) configuration register to value 0xNN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com