Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MM/T Datasheet(PDF) 52 Page - Winbond

Part # WTS701MM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MM/T Datasheet(HTML) 52 Page - Winbond

Back Button WTS701MM/T Datasheet HTML 48Page - Winbond WTS701MM/T Datasheet HTML 49Page - Winbond WTS701MM/T Datasheet HTML 50Page - Winbond WTS701MM/T Datasheet HTML 51Page - Winbond WTS701MM/T Datasheet HTML 52Page - Winbond WTS701MM/T Datasheet HTML 53Page - Winbond WTS701MM/T Datasheet HTML 54Page - Winbond WTS701MM/T Datasheet HTML 55Page - Winbond WTS701MM/T Datasheet HTML 56Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
WTS701
- 52 -
40 00
VD X
VC LK
0
MSB
LSB
3 ZEROS
10 9 8
7 6
13 12 11
50
0
VFS
Figure 19. CODEC Protocol, 16 bit, Long Frame Sync.
7.7 CONTROL CHARACTERS
The WTS701 allows receiving control characters embedded in the text sent in the Convert command
to better emphasize word or alter meaning of sentence. The control characters supported are for
phonetic alphabet playback, speed, volume modification and case sensitivity behavior.
7.7.1 Phonetic Alphabet Playback
The WTS701 uses an intermediate phonetic translation represented as an alphabet that represents
phonemes and stress for each input word. This feature allows the text sent to the WTS701 to consist
of a combination of ASCII characters as well as phonetic alphabet. This capability offers the flexibility
to send words already processed for phonetic representation, achieving the desired pronunciation.
Phonetic strings can be sent directly to the WTS701. This can be done by embedding phoneme
strings in the text stream for conversion. To embed a phoneme string, the string must be preceded by
a control-P (^P, ASCII 0x10) character and terminated by a space character.
For example:
“The quick ^Pbr1Wn fox.”
The following table lists the phoneme symbols acceptable by the WTS701E (English software
version). As the acceptable phoneme symbols are language dependent, please refer to the specific
language User’s Guide for details regarding characters accepted and other development
considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com