Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6684AIM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6684AIM
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6684AIM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC6684AIM Datasheet HTML 2Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 3Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 4Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 5Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 6Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 7Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 8Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 9Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V, V− = 0V, V
CM = VO = V
+/2, V
PD = 0.9V and RL >
1M
Ω. Boldface limits apply at the temperature extremes (Note 16).
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6681AI
LMC6681BI
Units
LMC6682AI
LMC6682BI
LMC6684AI
LMC6684BI
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
CM = 1.5V
0.5
1
3
mV
2.5
4.5
max
TCV
OS
Input Offset Voltage
1.5
µV/˚C
Average Drift
I
B
Input Current
(Note 12)
0.08
20
20
pA max
I
OS
Input Offset Current
(Note 12)
0.04
10
10
pA max
R
IN
Input Resistance
>1
Tera
Ω
C
IN
Input Capacitance
3
pF
CMRR
Common Mode
(Note 13)
82
70
65
dB
Rejection Ratio
65
62
min
PSRR
Power Supply Rejection
±1.5V
≤ V
S ≤ ±2.5V
82
70
65
dB
Ratio
V
O = V
+/2 = V
CM
65
62
min
V
CM
Input Common Mode
CMRR > 50 dB
5.3
5.18
5.18
V
Voltage Range
5.00
5.00
min
−0.3
−0.18
−0.18
V
0.00
0.00
max
V
O
Output Swing
R
L = 2kΩ to V
+/2
4.9
4.85
4.85
V
4.58
4.58
min
0.05
0.2
0.2
V
0.28
0.28
max
I
SON
Supply Current
Single, LMC6681
0.8
1.24
1.24
mA
when Powered ON
V
CM = 1.5V
1.49
1.49
max
Dual, LMC6682
1.5
2.48
2.48
mA
V
CM = 1.5V
3.00
3.00
max
Quad, LMC6684
3.0
4.96
4.96
mA
V
CM = 1.5V
6.00
6.00
max
I
S OFF
Supply Current
Single, LMC6681
0.5
1.5
1.5
µA
when Powered OFF
V
PD = 4.3V
2.1
2.1
max
Dual, LMC6682
0.5
1.5
1.5
µA
V
PD = 4.3V
2.1
2.1
max
Quad, LMC6684
1.0
3.0
3.0
µA
V
PD = 4.3V
4.2
4.2
max
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com