Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6684AIM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6684AIM
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6684AIM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMC6684AIM Datasheet HTML 12Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 13Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 14Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 15Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 16Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 17Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 18Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 19Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
5.0 Printed-Circuit-Board Layout
for High-Impedance Work (Continued)
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
board at all, but bend it up in the air and use only air as an in-
sulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board con-
struction, but the advantages are sometimes well worth the
effort of using point-to-point up-in-the-air wiring. See
Figure
13.
6.0 Powerdown
6.1 PINOUT FOR THE LMC6681/LMC6682/LMC6684
For the LMC6681/2/4, the input, output, and power pins are
the same as those used in the standard configuration. One
of the other pins, pin 5 in the case of the LMC6681, is used
to enable the powerdown mode. The connection diagrams
for the LMC6681/2/4 are on the front page of the datasheet.
The LMC6684 has 2 powerdown options. Each of the power-
down pins disables two amplifiers. If both the powerdown
pins are pulled high, all four amplifiers will be disabled. Re-
ferring to the connection diagrams on the front page of the
datasheet, Pin 5 disables amplifiers B and C and Pin 13 dis-
ables amplifiers A and D.
6.2 EXPLANATION OF DATASHEET PARAMETERS
The LMC6681/2/4 is ON (meets all the datasheet specs)
when the voltage applied to the powerdown pin, V
PD is a
logic low. The device is OFF when V
PD is a logic high. These
logic levels are indicated in the test conditions in the
datasheet tables. Summarizing these numbers:
Supply
Logic High [V]
Logic Low [V]
Voltage
at room
over temp
at room
over temp
2.2V
VPD ≥ 1.5
VPD ≥ 1.65
VPD ≤ 0.4
VPD ≤ 0.25
3V
VPD ≥ 2.3
VPD ≥ 2.45
VPD ≤ 0.6
VPD ≤ 0.45
5V
VPD ≥ 4.3
VPD ≥ 4.45
VPD ≤ 0.9
VPD ≤ 0.75
10V
VPD ≥ 9.3
VPD ≥ 9.45
VPD ≤ 1.2
VPD ≤ 1.05
In applications where the powerdown pin is not connected
externally, it is pulled to a logic low internally through a cur-
rent source. The t
ON and tOFF specs will essentially be the
same for a V
PD in the specified range. This means that the
LMC6681/2/4 will typically be fully operational 50 µs after a
logic low has been applied to the powerdown pin. Please
note that the frequency of V
PD in the test circuit below is
5 Hz.
DS012042-19
Inverting Amplifier
DS012042-20
Non-Inverting Amplifier
DS012042-21
Follower
FIGURE 12. Typical Connections of Guard Rings
DS012042-22
(Input pins are lifted out of PC board and soldered directly to components.
All other pins are connected to PC board.)
FIGURE 13. Air Wiring
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com