Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6684AIM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6684AIM
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6684AIM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMC6684AIM Datasheet HTML 13Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 14Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 15Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 16Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 17Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 18Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 19Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 20Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
6.0 Powerdown (Continued)
6.3 TEST CIRCUIT TO MEASURE t
ON AND tOFF
The circuit used to measure the t
ON, and tOFF during the
powerdown operation is a voltage follower with a load of
2k
Ω as shown in Figure 14.
When the input to the powerdown pin is low, the LMC6681/
2/4 is on. Since the amplifier is connected in the voltage fol-
lower configuation, the output of the circuit is −1V. When the
powerdown pin is pulled high, the amplifier shuts down, and
draws less than 1 µA/Amplifier. In this powerdown mode, the
output pin has high impedance, and the output of the circuit
is pulled to 0V. t
ON is specified as the time between the 50%
points of the trailing edges of the input waveform at the pow-
erdown pin, and the waveform at the output pin. Similarly,
the t
OFF is specified as the time between the 50% points of
the leading edges of the input waveform at the powerdown
pin, and the waveform at the output pin.
6.4 t
ON and tOFF
The t
ON (time delay for device to power on) the tOFF (time de-
lay for device to power off) specs are guaranteed at a supply
voltage of 3V. The t
ON and tOFF spec are independent of the
V
PD applied in the specified range. Refer to the Powerdown
DC Threshold Characteristics table for the values for a logic
low and a logic high.
The guaranteed spec for t
ON is 200 µs. This does not mean
that the signal to the V
PD pin can be as high as 5 kHz (1/200
µs). Note that the V
PD frequency for the tON and tOFF mea-
surements is 5 Hz. The LMC6681/2/4 is ideal for DC type ap-
plications where the powerdown pin is controlled by low fre-
quency signals.
When the LMC6681/2/4 is powered off, internal bias currents
are shutoff. There is a inherent latency in the circuit, and the
device has to power off for a certain period of time for the t
ON
spec to apply. Refer to the figure below. t
PD OFF refers to the
time interval for which the device is in the powerdown mode.
Consider the case when the device has been powered off for
5 ms, and then the powerdown pin is pulled to a logic low.
From
Figure 16, at room temperature, the device powers on
after 500 µs.
DS012042-16
FIGURE 14. Test Circuit for t
ON and tOFF Measurements
DS012042-17
(a) t
OFF Measurement
DS012042-29
(b) t
ON Measurement
FIGURE 15.
DS012042-39
FIGURE 16. t
ON Delay Till Active-On after
t
PDOFF in Powerdown Mode, VS = 3V
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com