Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6684AIM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6684AIM
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6684AIM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC6684AIM Datasheet HTML 9Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 10Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 11Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 12Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 13Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 14Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 15Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 16Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Application Information
1.0 Input Common-Mode Voltage
Range
The LMC6681/2/4 has a rail-to-rail input common-mode volt-
age range.
Figure 1 shows an input voltage exceeding both
supplies with no resulting phase inversion on the output.
The absolute maximum input voltage at V
+ = 3V is 300 mV
beyond either supply rail at room temperature. Voltages
greatly exceeding this absolute maximum rating, as in
Figure
2, can cause excessive current to flow in or out of the input
pins, possibly affecting reliability. The input current can be
externally limited to ±5 mA, with an input resistor, as shown
in
Figure 3.
2.0 Rail-to-Rail Output
The approximated output resistance of the LMC6681/2/4 is
50
Ω sourcing, and 50Ω sinking at V
S = 3V. The maximum
output swing can be estimated as a function of load using the
calculated output resistance.
3.0 Low Voltage Operation
The LMC6682 operates at supply voltages of 2.2V and 1.8V.
These voltages represent the End of Discharge voltages of
several popular batteries. The amplifier can operate from 1
Lead-Acid or Lithium Ion battery, or 2NiMH, NiCd, or
Carbon-Zinc batteries. Nominal and End of Discharge of
Voltage of several batteries are listed below.
Battery Type
Nominal Voltage
End of Discharge
Voltage
NiMH
1.2V
1V
NiCd
1.2V
1V
Lead-Acid
2V
1.8V
Silver Oxide
1.6V
1.3V
Carbon-Zinc
1.5V
1.1V
Lithium
2.6V–3.6V
1.7V–2.4V
At V
S
= 2.2V, the LMC6681/2/4 has a rail-to-rail input
common-mode voltage range.
Figure 4 shows an input volt-
age extending to both supplies and the resulting output.
The amplifier is operational at V
S = 1.8V, with guaranteed in-
put common-mode voltage range, output swing, and CMRR
specs.
Figure 5 shows the response of the LMC6681/2/4 at
V
S = 1.8V.
DS012042-5
FIGURE 1. An Input Signal Exceeds the LMC6681/2/4
Power Supply Voltages with No Output Phase
Inversion
DS012042-6
FIGURE 2. A ±7.5V Input Signal Greatly
Exceeds the 3V Supply in
Figure 3,
Causing No Phase Inversion Due to R
I
DS012042-7
FIGURE 3. Input Current Protection for
Voltages Exceeding the Supply Voltage
DS012042-8
FIGURE 4. The Input Common-Mode Voltage
Range Extends to Both Supplies at V
S = 2.2V
DS012042-9
FIGURE 5. Response of the LMC6681/2/4
at V
S = 1.8V
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com