Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6684AIM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6684AIM
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6684AIM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6684AIM Datasheet HTML 1Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 2Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 3Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 4Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 5Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 6Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 7Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 8Page - National Semiconductor (TI) LMC6684AIM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMC6681 Single/LMC6682 Dual/LMC6684 Quad
Low Voltage, Rail-To-Rail Input and Output CMOS
Amplifier with Powerdown
General Description
The LMC6681/2/4 is a high performance operational ampli-
fier which can operate over a wide range of supply voltages,
with guaranteed specifications at 1.8V, 2.2V, 3V, 5V, and
10V.
The LMC6681/2/4 provides an input common-mode voltage
range that exceeds both supplies. The rail-to-rail output
swing of the amplifier assures maximum dynamic signal
range. This rail-to-rail performance of the amplifier, com-
bined with its high open-loop voltage gain makes it unique
among CMOS rail-to-rail amplifiers. The LMC6681/2/4 is an
excellent choice for circuits where the common-mode volt-
age range is a concern.
The LMC6681/2/4 has a powerdown mode which can be
controlled externally. In this powerdown mode, the supply
current decreases from 700 µA per amplifier to less than 1
µA per amplifier. The LMC6684 has two powerdown options.
Each of the powerdown pins disables two amplifiers.
The LMC6681/2/4 has been designed specifically to improve
system performance in low voltage applications. The ampli-
fier’s 80 fA input current, 0.5 mV offset voltage, and 82 dB
CMRR maintain accuracy in battery-powered systems.
Features
(Typical unless otherwise noted)
n Guaranteed Specs at 1.8V, 2.2V, 3V, 5V, 10V
n Rail-to-Rail Input Common-Mode Voltage Range
n Rail-to-Rail Output Swing
(within 10 mV of supply rail, @ V
S=3V and RL=10 kΩ)
n Powerdown Mode
I
S OFF ≤ 1.5 µA/Amplifier
(Guaranteed at V
S = 1.8V, 2.2V, 3V, and 5V)
n Ultra Low Input Current
80 fA
n High Voltage Gain (VS = 3V, RL = 10 kΩ):
120 dB
n Unity Gain Bandwidth
1.2 MHz
Applications
n Battery Operated Circuits
n Sensor Amplifiers
n Portable Communication Devices
n Medical Instrumentation
n Battery Monitoring Circuits
n Level Detectors, Sample-and-Hold Circuits
Connection Diagrams
8-Pin DIP/SO
DS012042-1
Top View
14-Pin DIP/SO
DS012042-2
Top View
16-Pin DIP/SO
DS012042-3
Top View
May 1995
© 1999 National Semiconductor Corporation
DS012042
www.national.com


Similar Part No. - LMC6684AIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6684 TI1-LMC6684 Datasheet
793Kb / 26P
Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
More results

Similar Description - LMC6684AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
Rail-to-Rail Input and Output
08/02/11
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
Rail-to-Rail Input and Output
03/25/14
logo
ON Semiconductor
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
Rail-to-rail input and output
March 2014 Rev 2
logo
Texas Instruments
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com