Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6048 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC6048
Description  High-Speed Octal Programmable Timing Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6048 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC6048 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6048
G52335-0, Rev. 4.0
High-Speed Octal
Programmable Timing Generator
Table 8: AC Characteristics
NOTE: (1) The rising edge of the input (INA, INB) must fall in the setup region defined from 250ps to 1250ps before the rising
edge of the reference clock (RCK, RCKN).
Parameter
Description
Min
Typ
Max
Units
tRATE IN
INA and INB Reprogram Rate
5
ns
tRATE TS
TSET Reprogram Rate, 200MHz Application
5
ns
tRATE TS
TSET Reprogram Rate, 100MHz Application
10
ns
tRES
Nominal Resolution (tPDV(SPAN)/ 127)
10
ps
tSPAN
Propagation Delay, 200MHz Application
Full TG Span (TSET = 0011111111)
After Vernier Span DAC Calibration
4980
4990
ps
tPDTG(SPAN)
Propagation Delay, 100MHz Application
Full TG Span (TSET = 1111111111)
After Vernier Span DAC Calibration
9980
9990
ps
tPDV(SPAN)
Propagation Delay
Vernier Delay Element Span (TSET=0001111111)
After Vernier Span DAC Calibration
1230
1240
ps
tPDTG(MIN)
Propagation Delay
TG Minimum Delay (TSET=000000000)
11.0
14.0
ns
tPDV(MIN)
Propagation Delay
Vernier Delay Element Zero Delay
1300
1700
ps
INL
Integral Non-Linearity
Dynamic on-the-fly TSET Switching
-4
+4
LSBs
DNL
Differential Non-Linearity
Dynamic on-the-fly TSET Switching
-4
+4
LSBs
DCV
Variation in Delay vs. Duty Cycle and Frequency
Full TG Span (TSET=1111111111)
-40
+40
ps
DTCO
Variation in Delay vs. Temperature
Full TG Span (TSET=1111111111)
-6
+6
ps/
°C
PSRR
Variation in Delay vs. Supply Voltage
Full TG Span (TSET=1111111111)
-8
+8
ps/100mV
OSJ
Random Output Signal Jitter
10
ps rms
DACRES
Calibration DAC Resolution
25
ps
tOPW
Width of the Output Pulse
800
2500
ps
tR/tF
Output Rise/Fall Times (20% to 80%)
300
ps
INSU
IN0 - IN7 to REF_CLK Setup(1)
250
1250
ps
INH
IN0 - IN7 to REF_CLK Hold(1)
1750
ps
tSETSU
TSET [0:9] Setup with Respect to IN
250
ps
tSETH
TSET [0:9] Hold with Respect to IN
3500
ps
INPW
IN0 - IN7 Pulse Width
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com