Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6048 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC6048
Description  High-Speed Octal Programmable Timing Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6048 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC6048 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6048
High-Speed Octal
Programmable Timing Generator
Page 2
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52335-0,Rev.4.0
Functional Description
Reference Clock Selection
Clock multiplication of x8 or x16 may be selected via the FSEL pin, requiring a reference clock of 100
±2.5MHz or 50 ±1.25MHz, respectively. For system applications with 800MHz on board clock, the CMU can
be bypassed by asserting BYP signal and RCK will accept an external 800MHz clock.
In Bypass mode (BYP = 1, RCK = 800MHz) the skew from INX to RCK at the pin is 550ps +/-250ps.
Table 1: Reference Clock Selection
X = don’t care.
Mode of Operations
There are 6 basic modes of operation. These modes are based on two inputs per channel (INA and INB) that
can be interleaved and refire rate. The maximum refire rate for full 10ns span is 100MHz, where the maximum
refire rate for 5ns span is 200MHz. The maximum refire rate at the input to the fine vernier must not be sooner
than 4 cycles of the high-speed clock (800MHz).
Table 2: Suggested Operating Modes
Data Input (INA, INB)
There are two interleaved inputs per channel. Each input is capable of running at full rate (200MHz). The
input is first retimed off of the internal 400MHz clock generated from the PLL. This means there is a 2.5ns edge
placement window that defines the setup time. This also means that the input pulse must span at least one
400MHz clock edge.
The inputs are low to high edge sensitive. Figure 1 illustrates an equivalent circuit of the input structure for
each channel. Note that the TSET input clock is generated based on the input data.
BYP
FSEL
RCK
0
0100MHz
0
150MHz
1
X800MHz
Program Rate
Interleaved
INA
INB
TSET[0:9] Range
200Mbps
Yes
100MHz
100MHz
000 to 1FF
100Mbps
Yes
50MHz
50MHz
000 to 3FF
200Mbps
No
200MHz
Low
000 to 1FF
100Mbps
No
100MHz
Low
000 to 3FF
200Mbps
No
Low
200MHz
000 to 1FF
100Mbps
No
Low
100MHz
000 to 3FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com