Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6048 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC6048
Description  High-Speed Octal Programmable Timing Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6048 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC6048 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6048
High-Speed Octal
Programmable Timing Generator
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52335-0,Rev.4.0
Figure 3: Fine Vernier Calibration DAC Programming
DAC Calibration
Each fine vernier must be calibrated to a 1240ps span, one step (10ps) shorter than the 800MHz period
(1.25ns). This is accomplished by setting the fine vernier to maximum delay and adjusting the 6-bit calibration
DAC until the desired range has been achieved.
The calibration data is transferred into the device through a 3-bit serial interface. Refer to Figure 3 for the
programming sequence. Typical DCLK frequencies are 1MHz to 10MHz. Once the calibration value has been
transferred into the device, the data is written into the specified DAC by the rising edge of DCLK when
DAC_WR is HIGH. The address lines must remain stable from the enable of SHIFT to one cycle after the dis-
able of DAC_WR.
DAC Application
There are three DAC_REF pins on this device. Each pin supplies the reference for two or three calibration
DACs. In order to reduce crosstalk between verniers through the DAC_REF supply, it is recommended that
each DAC_REF pin be isolated from each other. This will reduce crosstalk between the the three channel
groups, however, it will not effect crosstalk between verniers within each group.
Table 3: DAC Reference Pin Identification
Outputs
Each channel has a differential ECL output. The output of the verniers is falling edge active. The shift reg-
ister propagates a 2ns pulse. The fine vernier then stretches the pulse width based on the programmed delay.
DAC_REF Pin #
Vernier Channels
10, 1, 2
18
3, 4
40
5, 6, 7
SHIFT
DCLK
DIN
DAC_WR
CAL_DAT
(internal)
ADR[2:0]
54
3
2
1
0
Vernier 0 DAC Data
XX
X
X
X
5
43
21
0
X
X
X
X
1
23
456
1
23
4
5
6
Address for Vernier 0
Vernier 1 DAC Data
Address for Vernier 1
Shift Data Into
Calibration Register
Hold Data In
Calibration Register
One Test/Calibration Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com