Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6048 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC6048
Description  High-Speed Octal Programmable Timing Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6048 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC6048 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6048
G52335-0, Rev. 4.0
High-Speed Octal
Programmable Timing Generator
Figure 1: Input Interleave
Figure 2: Functional Timing Diagram
Time Set Input (TSET<0:9>)
This is a 10-bit TTL bus that controls the delay value of the vernier. The 3 MSBs control the 800MHz shift
register and the 7 LSBs control the fine delay element. The TSET data is clocked in by a pulse generated from
the input data. The setup time of the TSET data is the same as the input signals (INA, INB). The TSET data
must be stable by the time the input edge arrives at the input pin and data must then be held stable for at least
3.5ns after the input edge arrives at the pin.
TSET_CLK
D
SET
CLR
Q
DQ
D
SET
CLR
Q
DQ
D
SET
PLL
CLR
400MHz
800MHz
Q
DQ
DATA
INxA
INxB
RCK
FSEL
BYP
tRATETS
tSETH
tSETSU
INSU
tOPW
tPDV(SPAN)
tPDTG(SPAN)
tPDTG(MIN)
TSET[0:9]
INA
INB
RCK
OUT
TSET (0000000000)
OUT
TSET (1111111111)
INH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com