Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD-SPI Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 100Page - STMicroelectronics L9779WD-SPI Datasheet HTML 101Page - STMicroelectronics L9779WD-SPI Datasheet HTML 102Page - STMicroelectronics L9779WD-SPI Datasheet HTML 103Page - STMicroelectronics L9779WD-SPI Datasheet HTML 104Page - STMicroelectronics L9779WD-SPI Datasheet HTML 105Page - STMicroelectronics L9779WD-SPI Datasheet HTML 106Page - STMicroelectronics L9779WD-SPI Datasheet HTML 107Page - STMicroelectronics L9779WD-SPI Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 141 page
background image
Functional description
L9779WD-SPI
104/141
DocID027721 Rev 2
Response comparison
The 2-bit counter <RESP_CNT (1-0)> counts the received bytes of the 32-bit response and
controls the generation of the expected response. Its default value is "11" (corresponds to
"waiting for RESP_BYTE3").
The <RESP_ERR> flag is set '1' when a response byte is incorrect. The flag remains '0' if
the 32-bit response is correct. The ERROR COUNTER is updated with the flag. The default
state of the flag is '0'.
The 2-bit counter <RESP_CNT(1-0)> and the <RESP_ERR> flag are reset to their
corresponding default values at a sequencer-run. The reset condition of the counter
<RESP_CNT (1-0)> and the <RESP_ERR> flag are the corresponding default states.
Procedure of the sequential response comparison:
Table 50. Reset-behaviour of <WDA_INT>, AB1 and <WD_RST>
Signal
Reset source
Reset state
WDA_INT
RST_UV
‘1‘, i.e. pin WDA is active
AB1
RST_UV
‘0‘, i.e. inactive
WD_RST
RST_UV
‘0‘, i.e. inactive
<RESP_CNT(1-0)> = "11": switch the expected response for RESP_BYTE3 to the
comparator
Write access: RESP_BYTE3
Set <RESP_CNT> to "10", update <RESP_ERR> flag
<RESP_CNT(1-0)> = "10": switch the expected response for RESP_BYTE2 to the
comparator
Write access: RESP_BYTE2
set <RESP_CNT> to "01", update <RESP_ERR> flag
<RESP_CNT(1-0)> = "01": switch the expected response for RESP_BYTE1 to the
comparator
Write access: RESP_BYTE1
set <RESP_CNT> to "00", update <RESP_ERR> flag
<RESP_CNT(1-0)> = "00": switch the expected response for RESP_BYTE0 to the
comparator
Write access: RESP_BYTE0
Start sequencer (SEQU_START signal), set <RESP_CNT> to
"11", update <RESP_ERR> flag (update ERROR COUNTER)
Sequencer clears <RESP_ERR> flag to '0
SEQU_START =
(RESP_CNT1) AND RESP_CNT0) AND “response byte write”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com