Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD-SPI Datasheet(PDF) 105 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 101Page - STMicroelectronics L9779WD-SPI Datasheet HTML 102Page - STMicroelectronics L9779WD-SPI Datasheet HTML 103Page - STMicroelectronics L9779WD-SPI Datasheet HTML 104Page - STMicroelectronics L9779WD-SPI Datasheet HTML 105Page - STMicroelectronics L9779WD-SPI Datasheet HTML 106Page - STMicroelectronics L9779WD-SPI Datasheet HTML 107Page - STMicroelectronics L9779WD-SPI Datasheet HTML 108Page - STMicroelectronics L9779WD-SPI Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 141 page
background image
DocID027721 Rev 2
105/141
L9779WD-SPI
Functional description
140
Expected Responses:
RESP_SOLL7 = REQU2 XOR RESP_CNT0
RESP_SOLL6 = REQU0 XOR RESP_CNT0
RESP_SOLL5 = REQU3 XOR RESP_CNT0
RESP_SOLL4 = REQU1 XOR RESP_CNT0
RESP_SOLL3 = ((REQU2 XOR REQU0) XOR REQU3) XOR RESP_CNT1
RESP_SOLL2 = ((REQU0 XOR REQU3) XOR REQU1) XOR RESP_CNT1
RESP_SOLL1 = ((REQU2 XOR REQU0) XOR REQU1) XOR RESP_CNT1
RESP_SOLL0 = (RESP_CNT1 XOR REQU3) XOR REQU0
Table 51. Expected responses
question REQU (3-0)
RESP_BYTE3
RESP_BYTE2
RESP_BYTE1
RESP_BYTE0
0FF
0F
F0
00
1B0
40
BF
4F
2
E9
19E616
3
A6
56A959
475
85
7A
8A
53A
CA
35
C5
663
93
6C
9C
72C
DC
23
D3
8D2
22
DD
2D
99D
6D
92
62
AC4
34
CB
3B
B8B
7B
84
74
C
58A857
A7
D
17E718
E8
E4E
BE
41
B1
F01
F1
0E
FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com