Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD-SPI Datasheet(PDF) 106 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 106 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 102Page - STMicroelectronics L9779WD-SPI Datasheet HTML 103Page - STMicroelectronics L9779WD-SPI Datasheet HTML 104Page - STMicroelectronics L9779WD-SPI Datasheet HTML 105Page - STMicroelectronics L9779WD-SPI Datasheet HTML 106Page - STMicroelectronics L9779WD-SPI Datasheet HTML 107Page - STMicroelectronics L9779WD-SPI Datasheet HTML 108Page - STMicroelectronics L9779WD-SPI Datasheet HTML 109Page - STMicroelectronics L9779WD-SPI Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 141 page
background image
Functional description
L9779WD-SPI
106/141
DocID027721 Rev 2
Reset behaviour
All monitoring module registers are reset by RST_UV The following monitoring module
components are also reset by RST_PRL:
Note:
The signal RST_PRL (partial reset) is active when RST or SW_RST (Softreset) is active.
Access during a sequencer-run
A sequencer-run (which means the same as a monitoring cycle) is initiated by the writing of
a response (i.e. all answer bytes <RESP_BYTE3..0>) or a write to <RESPTIME> or by
reaching "end of time window". It must not be interrupted by a new access, i.e. the
monitoring module completes the action already started:
A sequencer-run was initiated by a "response write": The sequencer completes its task
with the data of the previous access and the new data are ignored.
A sequencer-run was initiated by a "response-time write": The sequencer uses the
response-time of the previous access, the error counter is correspondingly
incremented by one and the <CHRT> bit (REQUHI register) is set and the new data are
ignored. <CHRT> will be reset by reading and by the next start of a sequencer run (not
reset by the sequencer run that is started by a "response-time write"!)
A sequencer-run was initiated by "end of time window": The sequencer finishes the
started run, the error counter is incremented by one and the new data are ignored.
The writing of a response-time during a sequencer-run must not set the <CHRT> bit
(REQUHI register). The new response-time value is also not accepted. The writing of a
response during a sequencer-run must not set the <W_RESP> bit, the new response is also
not accepted.
Clock and time references
The monitoring module must work independently of the micro-controller clock so that it can
monitor the timing of the micro-controller. Therefore, a separate oscillator is necessary.
This oscillator is integrated in the L9779WD-SPI and provides a clock CLK1 for the
monitoring module. Clocked with CLK1, a divider generates the base time of 101*1/f_clk =
101 * 1/64kHz = 1.58 ms for the response-time and 8 * 101*1/64kHz =8* 1.58 ms = 12.6 ms
for the fixed time window. Accuracy of CLK1 is ±5% (or better).
The response-time is adjustable by the controller in the range 0ms to about 100ms (register
RESPTIME). The response-time can be calculated with the equation response-
time=(1+101*RESPTIME)*1/f_clk (where f_CLK depends on CONFIG6 bit1 value: if High -
default- f_clk = 64 kHz, if Low f_clk = 39 kHz).
The RESPTIME register is set to '0011 1111'b after a reset. The ERROR COUNTER is
incremented by one if the controller changes the response-time. If the response-time is set
Table 52. Reset behaviour
Component:
Reset Condition:
ERROR COUNTER
110b
Register for “EC>7”
‚0‘
Register RESPTIME
Maximum value: 0011 1111b
timer state
“000...00”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com