Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S31PUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 4Page - STMicroelectronics ST1S31PUR Datasheet HTML 5Page - STMicroelectronics ST1S31PUR Datasheet HTML 6Page - STMicroelectronics ST1S31PUR Datasheet HTML 7Page - STMicroelectronics ST1S31PUR Datasheet HTML 8Page - STMicroelectronics ST1S31PUR Datasheet HTML 9Page - STMicroelectronics ST1S31PUR Datasheet HTML 10Page - STMicroelectronics ST1S31PUR Datasheet HTML 11Page - STMicroelectronics ST1S31PUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Functional description
ST1S31
8/35
DocID022998 Rev 4
4
Functional description
The ST1S31 device is based on a “peak current mode”, constant frequency control. The
output voltage VOUT is sensed by the feedback pin (FB) compared to an internal reference
(0.8 V) providing an error signal that, compared to the output of the current sense amplifier,
controls the ON and OFF time of the power switch.
The main internal blocks are shown in the block diagram in Figure 3. They are:
A fully integrated oscillator that provides the internal clock and the ramp for the slope
compensation avoiding sub-harmonic instability
The soft-start circuitry to limit inrush current during the startup phase
The transconductance error amplifier
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switches
The drivers for embedded P-channel and N-channel power MOSFET switches
The high-side current sensing block
The low-side current sense to implement diode emulation
A voltage monitor circuitry (UVLO) that checks the input and internal voltages
A thermal shutdown block, to prevent thermal runaway.
Figure 3. Block diagram
AM11417v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com