Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S31PUR Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 27Page - STMicroelectronics ST1S31PUR Datasheet HTML 28Page - STMicroelectronics ST1S31PUR Datasheet HTML 29Page - STMicroelectronics ST1S31PUR Datasheet HTML 30Page - STMicroelectronics ST1S31PUR Datasheet HTML 31Page - STMicroelectronics ST1S31PUR Datasheet HTML 32Page - STMicroelectronics ST1S31PUR Datasheet HTML 33Page - STMicroelectronics ST1S31PUR Datasheet HTML 34Page - STMicroelectronics ST1S31PUR Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Order codes
ST1S31
34/35
DocID022998 Rev 4
9
Order codes
10
Revision history
Table 12. Ordering information
Order codes
Package
ST1S31PUR
VFDFPN 3 x 3 - 8 L
ST1S31D-R
SO8
Table 13.
Document revision history
Date
Revision
Changes
12-Nov-2014
3
Updated Figure 2: Pin connection (top view) on page 3 (replaced
by new figure).
Minor modifications throughout document.
03-Mar-2016
4
Updated value in Table 3 on page 5 and Section 5.4 on page 19
(replaced 40 °C/W by 50 °C/W).
Added Section 4.1 on page 9.
Updated Section 7 on page 24 [added Figure 14 on page 24 to
Figure 22 on page 28 (replaced figures 13 and 14)].
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com