Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S31PUR Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 27Page - STMicroelectronics ST1S31PUR Datasheet HTML 28Page - STMicroelectronics ST1S31PUR Datasheet HTML 29Page - STMicroelectronics ST1S31PUR Datasheet HTML 30Page - STMicroelectronics ST1S31PUR Datasheet HTML 31Page - STMicroelectronics ST1S31PUR Datasheet HTML 32Page - STMicroelectronics ST1S31PUR Datasheet HTML 33Page - STMicroelectronics ST1S31PUR Datasheet HTML 34Page - STMicroelectronics ST1S31PUR Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
DocID022998 Rev 4
31/35
ST1S31
Package information
35
8.1
VFDFPN 3 x 3 - 8L package information
Figure 27. VFDFPN 3 x 3 - 8L package outline
8057023
Table 10. VFDFPN 3 x 3 - 8L package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.0
0.05
b
0.25
0.30
0.35
D3.00
D2
2.234
2.384
2.484
E3.00
E2
1.496
1.646
1.746
e0.65
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com