Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S31PUR Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 14Page - STMicroelectronics ST1S31PUR Datasheet HTML 15Page - STMicroelectronics ST1S31PUR Datasheet HTML 16Page - STMicroelectronics ST1S31PUR Datasheet HTML 17Page - STMicroelectronics ST1S31PUR Datasheet HTML 18Page - STMicroelectronics ST1S31PUR Datasheet HTML 19Page - STMicroelectronics ST1S31PUR Datasheet HTML 20Page - STMicroelectronics ST1S31PUR Datasheet HTML 21Page - STMicroelectronics ST1S31PUR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Application information
ST1S31
18/35
DocID022998 Rev 4
Equation 22
So if the inductor value decreases, the peak current (which must be lower than the current
limit of the device) increases. The higher the inductor value, the higher the average output
current that can be delivered, without reaching the current limit.
In Table 7 some inductor part numbers are listed.
5.3
Output capacitor selection
The current in the output capacitor has a triangular waveform which generates a voltage
ripple across it. This ripple is due to the capacitive component (charge or discharge of the
output capacitor) and the resistive component (due to the voltage drop across its ESR). So
the output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Equation 23
For a ceramic (MLCC) capacitor, the capacitive component of the ripple dominates the
resistive one. While for an electrolytic capacitor the opposite is true.
As the compensation network is internal, the output capacitor should be selected in order to
have a proper phase margin and then a stable control loop.
The equations of Section 5.2 help to check loop stability given the application conditions,
the value of the inductor and of the output capacitor.
Table 7. Inductors
Manufacturer
Series
Inductor value (
µH)
Saturation current (A)
Coilcraft
XAL50xx
1.2 to 3.3
6.3 to 9
XAL60xx
2.2 to 5.6
7.4 to 11
MSS1048
1.0 to 3.8
6.5 to 11
Würth
WE-HCI 7030
1.5 to 4.7
7 to 14
WE-PD type L
1.5 to 3.5
6.4 to 10
Coiltronics
DR73
1.0 to 2.2
5.5 to7.9
DR74
1.5 to 3.3
5.4 to 8.35
ILPK
IO
I
L
2
--------
+
=
V
OUT
ESR
I
MAX
I
MAX
8COUT fSW

-------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com