Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S31PUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 8Page - STMicroelectronics ST1S31PUR Datasheet HTML 9Page - STMicroelectronics ST1S31PUR Datasheet HTML 10Page - STMicroelectronics ST1S31PUR Datasheet HTML 11Page - STMicroelectronics ST1S31PUR Datasheet HTML 12Page - STMicroelectronics ST1S31PUR Datasheet HTML 13Page - STMicroelectronics ST1S31PUR Datasheet HTML 14Page - STMicroelectronics ST1S31PUR Datasheet HTML 15Page - STMicroelectronics ST1S31PUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Functional description
ST1S31
12/35
DocID022998 Rev 4
The resistor to adjust the output voltage that gives the term from output voltage to the FB
pin. GDIV(s) is:
The transfer function from FB to Vc (output of E/A) introduces the singularities (poles and
zeroes) to stabilize the loop. The small signal model of the error amplifier with the internal
compensation network can be seen in Figure 6.
Figure 6. Small signal model for the error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect
system stability and can be neglected.
So GEA(s) results:
Equation 9
where GEA = Gm · Ro.
The poles of this transfer function are (if Cc >> C0+CP):
Equation 10
Equation 11
whereas the zero is defined as:
Equation 12
GDIV s

R2
R1 R2
+
--------------------
=
Co
Ro
Cc
Cc
Cp
Gm*Vd
VFB
VREF
Vd
Rc
AM11419v1
GEA s

GEA0 1s
+
Rc Cc


s
2 R
0
C0 Cp
+
 R
c Cc
sR0 Cc
R0 C0 Cp
+
 R
c Cc
+
+
 1
+
+

-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
fP LF
1
2
 R
0 Cc

----------------------------------
=
fP HF
1
2
 R
c
C0 Cp
+


----------------------------------------------------
=
fZ
1
2
 R
c Cc

---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com