Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 65Page - STMicroelectronics ST25R3911B Datasheet HTML 66Page - STMicroelectronics ST25R3911B Datasheet HTML 67Page - STMicroelectronics ST25R3911B Datasheet HTML 68Page - STMicroelectronics ST25R3911B Datasheet HTML 69Page - STMicroelectronics ST25R3911B Datasheet HTML 70Page - STMicroelectronics ST25R3911B Datasheet HTML 71Page - STMicroelectronics ST25R3911B Datasheet HTML 72Page - STMicroelectronics ST25R3911B Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 129 page
background image
DocID029656 Rev 2
69/129
ST25R3911B
Functional overview
71
transparent mode is that the emission of the carrier field has to be enabled only during Tx.
This is done by writing the Operation Control Register before and after Tx. Since with every
SPI command the Transparent mode is lost it has to be re-entered.
In order to receive the reply in active NFC communication mode only the AM demodulation
channel is used. Due to this the receiver AM channel has to be enabled, while PM can be
disabled.
Implementing active communication requires detection of external field. Setting the bit en_fd
in the Auxiliary Definition Register enables the External Field Detector with Peer Detection
Threshold. When bit en_fd is selected and the ST25R3911B is in Transparent mode, the
External Field Detector output is multiplexed to pin IRQ. This enables detection of external
target/initiator field and performing RF collision avoidance.
In case timing of the NFC Field ON command is correct for the NFC active protocol being
implemented, these commands can be used in combination with the Transparent mode.
These commands are used to perform the RF collision avoidance, switching on the field and
timing out the minimum time from switching on the field to start of transmitting the message.
After getting the interrupt, the controller generates the message in the Transparent mode.
When bit en_fd is set and all bits of the Operation Control Register are set to 0 the
ST25R3911B is in the low power NFC Target Mode (same as in case of setting of targ bit,
(see NFCIP-1 Active Communication Target). In this mode initiator field is detected.
After getting an IRQ with I_eon flag set, the controller turns on the oscillator, regulator and
receiver and performs reception in the Transparent mode.
MIFARE™ Classic compatibility
For communication with MIFARE™ Classic compliant devices the bit6 and bit7 from the
register 05h can be used to enable Type A custom frames. Alternatively, the stream mode of
ST25R3911B can be used to send and receive MIFARE™ Classic compliant or custom
frames.
Stream mode
Stream mode can be used to implement protocols, where the low level framing needed for
ISO14443 receive coding can be used and decoded information can be put in FIFO. The
main advantage of this mode over the Transparent mode is that timing is generated in the
ST25R3911B therefore the external controller does not have to operate in real time. The
stream mode is selected in the Mode Definition Register, the operating options are defined
in the Stream Mode Definition Register.
Two different modes are supported for tag to reader communication (Sub-carrier and BPSK
Stream Modes). General rule for Stream mode is that the first bit sent/received is put on the
LSB position of the FIFO byte.
After selecting the stream mode the receiver and transmitter have to be configured properly
(Analog Preset direct command doesn't apply for stream mode).
Sub-Carrier Stream Mode
This mode supports protocols where during the tag to reader communication the time
periods with sub-carrier signal are interchanged with time periods without modulation (like in
the ISO14443A 106 kbit/s mode). In this mode the sub-carrier frequency and number of
sub-carrier frequency periods in one reporting period is defined. Sub-carrier frequency in the
range from fc/64 (212 kHz) to fc/8 (1695 kHz) are supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com