Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
DocID029656 Rev 2
39/129
ST25R3911B
Functional overview
71
sources detailed in Timer and NFC Interrupt Register and Error and Wake-Up Interrupt
Register.
When an interrupt condition is met the source of interrupt bit is set in the Main Interrupt
Register and the IRQ pin transitions to high.
The microcontroller then reads the Main Interrupt Register to distinguish between different
interrupt sources. The interrupt registers 0x17, 0x18 and 0x19 are to be read in one attempt.
After a particular Interrupt register is read, its content is reset to 0. Exceptions to this rule are
the bits pointing to auxiliary registers. These bits are only cleared when corresponding
auxiliary register is read. IRQ pin transitions to low after the interrupt bit(s) that caused its
transition to high has (have) been read.
Note:
There may be more than one interrupt bit set in case the microcontroller does not
immediately read the interrupt registers after the IRQ signal has been set and another event
causing interrupt has occurred. In that case the IRQ pin transitions to low after the last bit
that caused interrupt is read.
If an interrupt from a certain source is not required, it can be disabled by setting
corresponding bit in the Mask Interrupt registers. When masking a given interrupt source the
interrupt is not produced, but the source of interrupt bit is still set in Interrupt registers.
FIFO water level and FIFO status registers
The ST25R3911B contains a 96 byte FIFO. In case of transmitting the Control logic shifts
the data that was previously loaded by the external microcontroller to the Framing Block and
further to the transmitter. During reception, the demodulated data is stored in the FIFO and
the external microcontroller can download received data at a later moment.
Transmit and receive capabilities of the ST25R3911B are not limited by the FIFO size due to
a FIFO water level interrupt system. During transmission an interrupt is sent (IRQ due to
FIFO water level in the Main Interrupt Register) when the content of data in the FIFO passes
from (water level + 1) to water level and the complete transmit frame has not been loaded in
the FIFO yet. The external microcontroller can now add more data in the FIFO. The same
stands for the reception: when the number of received bytes passes from (water level - 1) to
water level an interrupt is sent to inform the external controller that data has to be
downloaded from FIFO in order not to lose receive data due to FIFO overflow.
During transmission water level IRQ is additionally set in case all transmission bytes have
not been written in FIFO yet and if number of bytes written into FIFIO is lower than water
level. In this case an IRQ is sent when number of bytes in FIFO drops below 4.
Note:
FIFO IRQ is not produced while SPI is active in FIFO load or read mode. Due to this the
FIFO loading/reading rate has to be higher than Tx/Rx bit rate, once FIFO loading/reading is
finished the /SS pin has to be pulled to VDD (logic remains in FIFO load/read mode as long
as /SS remains low).
In case controller knows that the receive data frame is smaller than the FIFO size the water
level interrupt does not have to be served. In such case the water level interrupt can be
masked.
Table 8. IRQ output
Name
Signal
Signal level
Description
IRQ
Digital output
CMOS
Interrupt output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com