Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 129 page
background image
Functional overview
ST25R3911B
20/129
DocID029656 Rev 2
settings, 3 dB steps, adjustment range from ±33 mV to ±120 mV). Adjustment of the
digitizing window is included in the AGC and Squelch loops. In addition, the digitizing
window can also be set manually in the Receiver Configuration Register 4.
AGC, Squelch and RSSI
As mentioned above, the second and third gain stage gain and the digitizing stage window
are included in the AGC and Squelch loops. Eleven settings are available. The default state
features minimum digitizer window and maximum gain. The first four steps increase the
digitizer window in 3 dB steps, the next six steps additionally reduce the gain in the second
and third gain stage, again in 3 dB steps. The initial setting with whom Squelch and AGC
start is defined in Receiver Configuration Register 4. The Gain Reduction State Register
displays the actual state of gain that results from Squelch, AGC and initial settings in
Receiver Configuration Register 4. During bit anticollision like Type A, the AGC should be
disabled.
Squelch
This feature is designed for operation of the receiver in noisy conditions. The noise can
come from tags (caused by the processing of reader commands), or it can come from a
noisy environment. This noise may be misinterpreted as start of transponder response,
resulting in decoding errors.
During execution of the Squelch procedure the output of the digitizing comparator is
observed. In case there are more than two transitions on this output in a 50 μs time period,
the receiver gain is reduced by 3 dB, and the output is observed during the next 50 μs. This
procedure is repeated until the number of transitions in 50 μs is lower or equal to two, or
until the maximum gain reduction is reached. This gain reduction can be cleared sending
the direct command Reset Rx Gain.
There are two possibilities of performing squelch: automatic mode and using the direct
command Squelch.
1.
Automatic mode is enabled in case bit sqm_dyn in the Receiver Configuration Register
2 is set. It is activated automatically 18.88 μs after end of Tx and is terminated when
the Mask Receive timer expires. This mode is primarily intended to suppress noise
generated by tag processing during the time when a tag response is not expected
(covered by Mask Receive timer).
2.
Command Squelch is accepted in case it is sent when signal rx_on is low. It can be
used when the time window in which noise is present is known by the controller.
AGC
AGC (Automatic Gain Control) is used to reduce gain to keep the receiver chain out of
saturation. With gain properly adjusted the demodulation process is also less influenced by
system noise.
AGC action starts when signal rx_on is asserted high and is reset when it is reset to low. At
the high to low transitions of the rx_on signal the state of the receiver gain is stored in the
Gain Reduction State Register. Reading this register at a later stage gives information on
the gain setting used during last reception.
When AGC is switched on the receiver gain is reduced so that the input to the digitizer stage
is not saturated. The AGC system comprises a comparator with a window 3.5 times larger
than that of the digitizing window comparator. When the AGC function is enabled the gain is
reduced until there are no transitions on the output of its window comparator. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com