Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 129 page
background image
DocID029656 Rev 2
37/129
ST25R3911B
Functional overview
71
Figure 15. SPI communication: direct command
Direct command chaining
As shown in Figure 16, direct commands with immediate execution can be followed by
another SPI mode (Read, Write or FIFO) without deactivating the /SS signal in between.
Figure 16. SPI communication: direct command chaining
SPI timing
Table 7. SPI timing
Symbol
Parameter
Min
Typ
Max
Unit
Comments
General timing (VDD = VDD_IO = VSP_D = 3.3 V, 25 °C)
TSCLK
SCLK period
167
-
-
ns
TSCLK=TSCLKL+TSCLKH, use of shorter SCLK
period may lead to incorrect FIFO operation.
TSCLKL
SCLK low
70
-
1
-
TSCLKH
SCLK high
70
-
-
-
TSSH
SPI reset (/SS high)
100
-
-
-
TNCSL
/SS falling to SCLK rising
25
-
-
First SCLK pulse
TNCSH
SCLK falling to /SS rising
300
-
-
Last SCLK pulse
TDIS
Data in set-up time
10
-
-
-
TDIH
Data in hold time
10
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com