Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 45Page - STMicroelectronics ST25R3911B Datasheet HTML 46Page - STMicroelectronics ST25R3911B Datasheet HTML 47Page - STMicroelectronics ST25R3911B Datasheet HTML 48Page - STMicroelectronics ST25R3911B Datasheet HTML 49Page - STMicroelectronics ST25R3911B Datasheet HTML 50Page - STMicroelectronics ST25R3911B Datasheet HTML 51Page - STMicroelectronics ST25R3911B Datasheet HTML 52Page - STMicroelectronics ST25R3911B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
DocID029656 Rev 2
49/129
ST25R3911B
Functional overview
71
During execution of the direct command Measure Phase the transmitter and Phase Detector
are enabled, the Phase Detector output is multiplexed on the input of A/ D converter, which
is set in relative mode. Since the A/D converter range is from 1/6 VSP_A to 5/6 VSP_A the
actual phase detector range is from 30º to 150º. Values below 30º result in FFh, while
values above 150º result in 00h. One LSB of the A/D conversion output represents 0.13% of
carrier frequency period (0.468°). The result of A/D conversion is in case of 90º phase shift
in the middle of range (1000 0000b or 0111 1111b). A value higher than 1000 0000b means
that phase detector output voltage is higher than VSP_A/2, which corresponds to case with
phase shift lower than 90º. In the opposite case, when the phase shift is higher than 90º, the
result of A/D conversion is lower than 0111 1111b. For example, the phase difference of 135º
shown in Figure 7 results in 0.75 VSP_A, result stored in A/D converter is 31d (1Fh).
The phase measurement result can be calculating using the following formulas:
•
0º ≤ φ ≤ 30º: result = 255 (decimal)
•
30º < φ < 150º: angle (in º) = 30 + [(255 - u_angle) / 255) * 120]
•
150º ≤ φ ≤ 180º: result = 0 (decimal)
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation Control Register) is set and
Xtal oscillator frequency is stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is
terminated.
Clear RSSI
The receiver automatically clears the RSSI bits in the RSSI Display Register and starts to
measure the RSSI of the received signal when the signal rx_on is asserted. Since the RSSI
bits store peak value (peak-hold type) the variations of the receiver input signal will not be
followed (this may happen in case of long messages or test procedures). The direct
command Clear RSSI clears the RSSI bits in the RSSI Display Register, and the RSSI
measurement is restarted (in case, of course, rx_on is still high).
This command is accepted in case en (bit 7 of the Operation Control Register) is set and
Xtal oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Transparent Mode
Enters in the Transparent mode. The Transparent mode is entered on the rising edge of
signal /SS and is maintained as long as signal /SS is kept high.
This command is accepted when en (bit 7 of the Operation Control Register) is set and Xtal
oscillator frequency is stable.
Calibrate Capacitive Sensor
This command calibrates the Capacitive Sensor. See Section 1.1.5: Capacitive sensor for
more details.
Duration time: 3 ms max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com