Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8240EC Datasheet(PDF) 47 Page - Motorola, Inc

Part # MPC8240EC
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240EC Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MPC8240EC Datasheet HTML 43Page - Motorola, Inc MPC8240EC Datasheet HTML 44Page - Motorola, Inc MPC8240EC Datasheet HTML 45Page - Motorola, Inc MPC8240EC Datasheet HTML 46Page - Motorola, Inc MPC8240EC Datasheet HTML 47Page - Motorola, Inc MPC8240EC Datasheet HTML 48Page - Motorola, Inc MPC8240EC Datasheet HTML 49Page - Motorola, Inc MPC8240EC Datasheet HTML 50Page - Motorola, Inc MPC8240EC Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
MOTOROLA
MPC8240 Integrated Processor Hardware Specifications
47
Document Revision History
0.5
Removed references to GVDD = 2.5 V until characterization of the memory interface at this voltage has
been completed.
Corrected Figure 2 power supply ramp-up time to be before the 100 ms PLL relock time.
Table 3:
• Deleted input leakage specification @ LVDD = 5.5 V.
• Changed minimum ‘Input High Voltage for PCI only’ from 0.5*OVDodaoD to 0.65*OVDD and added
Note 6.
• Changed condition on ‘Input Low Voltage,’ VIL, from ‘All inputs except OSC_IN’ to ‘All inputs except
PCI_SYNC_IN.’
• Replaced minimum CVIH formula, 0.5*OVDD, with 2.4-V value.
• Replaced maximum CVIL formula, 0.3*OVDD, with 0.4-V value.
Added Note 10 to Table 5.
Changed minimum memory bus frequency of operation from 25 to 33 MHz in Table 6 to coincide with
information shown in PLL_CFG Table 18.
Updated clock specifications in Table 7.
Updated input AC timing specifications in Table 8.
Updated output AC timing specifications in Table 9.
Replaced TBDs in Table 14 for specs 3, 5, and 6.
Table 17 renamed TEST3 (pin AF20) to TRIG_IN and renamed TEST4 (pin AC18) to TRIG_OUT; moved
both pins from Test/Configuration Signals group to Miscellaneous Signals group.
Added external pull-up resistor to LVDD recommendation for INTA signal in Table 17 and Section 1.7.5.
Added Note 19 to Table 17 about AVDD and LAVDD being internally connected; revised Section 1.7.1,
on filtering these pins.
Replaced HID1 column TBDs in Table 18 and deleted Note 1 resulting in renumbering notes throughout
Table 18.
Added Section 1.7.7, about PCI reference voltage.
Added note in Section 1.9, indicating ‘L=Standard Spec.’ part is only available in 200 MHz version of the
device. Changed ‘XPC’ to ‘MPC’ for consistency with other references in the document.
Table 19. Document Revision History (continued)
Revision
Number
Substantive Change(s)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com