Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8240EC Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC8240EC
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240EC Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC8240EC Datasheet HTML 5Page - Motorola, Inc MPC8240EC Datasheet HTML 6Page - Motorola, Inc MPC8240EC Datasheet HTML 7Page - Motorola, Inc MPC8240EC Datasheet HTML 8Page - Motorola, Inc MPC8240EC Datasheet HTML 9Page - Motorola, Inc MPC8240EC Datasheet HTML 10Page - Motorola, Inc MPC8240EC Datasheet HTML 11Page - Motorola, Inc MPC8240EC Datasheet HTML 12Page - Motorola, Inc MPC8240EC Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MOTOROLA
MPC8240 Integrated Processor Hardware Specifications
9
Electrical and Thermal Characteristics
Figure 5. Maximum AC Waveforms for 5-V Signaling
1.4.1.3
DC Electrical Specifications
Table 3 provides the DC electrical characteristics for the MPC8240.
Table 3. DC Electrical Specifications
At recommended operating conditions (see Table 2)
Characteristic
Condition 3
Symbol
Min
Max
Unit
Input high voltage 5
PCI only
VIH
0.65
× OVDD
LVDD
V
Input low voltage
PCI only
VIL
—0.3
× OVDD
V
Input high voltage
All other pins (GVDD = 3.3 V)
VIH
2.0
3.3
V
Input low voltage
All inputs except
PCI_SYNC_IN
VIL
GND
0.8
V
PCI_SYNC_IN input high voltage
CVIH
2.4
—
V
PCI_SYNC_IN input low voltage
CVIL
—0.4
V
Input leakage current 4 for pins using
DRV_PCI driver
0.5 V
≤ V
in ≤ 2.7 V
@ LVDD = 4.75 V
IL
—±70
µA
Input leakage current 4 for all others LVDD = 3.6 V
GVDD ≤ 3.465 V
IL
—±10
µA
Output high voltage
IOH = driver-dependent
2
(GVDD = 3.3 V)
VOH
2.4
—
V
Output low voltage
IOL = driver-dependent
2
(GVDD = 3.3 V)
VOL
—0.4
V
Overvoltage
Waveform
Undervoltage
Waveform
-5.5 V
+11 V
+5.25 V
0 V
62.5 ns
4 ns
(max)
11 ns
(min)
11 v. p-to-p
(minimum)
10.75 v. p-to-p
(minimum)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com