Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F716 Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 49Page - Microchip Technology PIC16F716 Datasheet HTML 50Page - Microchip Technology PIC16F716 Datasheet HTML 51Page - Microchip Technology PIC16F716 Datasheet HTML 52Page - Microchip Technology PIC16F716 Datasheet HTML 53Page - Microchip Technology PIC16F716 Datasheet HTML 54Page - Microchip Technology PIC16F716 Datasheet HTML 55Page - Microchip Technology PIC16F716 Datasheet HTML 56Page - Microchip Technology PIC16F716 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 126 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS41206A-page 51
PIC16F716
FIGURE 8-1:
A/D BLOCK DIAGRAM
8.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 8-2. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD). The
source impedance affects the offset voltage at the
analog input (due to pin leakage current). The
maximum
recommended
impedance
for
analog
sources is 10 k
Ω. After the analog input channel is
selected (changed) this acquisition must be done
before the conversion can be started.
To calculate the minimum acquisition time, TACQ, see
the
PICmicro®
Mid-Range
Reference
Manual,
(DS33023). This equation calculates the acquisition
time to within 1/2 LSb error. The 1/2 LSb error is the
maximum error allowed for the A/D to meet its specified
accuracy.
FIGURE 8-2:
ANALOG INPUT MODEL
(Input voltage)
VIN
VREF
(Reference
voltage)
VDD
PCFG2:PCFG0
CHS2:CHS0
000
or
010
or
110
or 111
001
or
011
or
101
RA3/AN3/VREF
RA2/AN2
RA1/AN1
RA0/AN0
011
010
001
000
A/D
Converter
100
or
Note:
When the conversion is started, the
holding capacitor is disconnected from the
input pin.
CPIN
VA
Rs
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I leakage
RIC
≤ 1k
Sampling
Switch
SS
RSS
CHOLD
= DAC capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
Ω)
VDD
= 51.2 pF
± 500 nA
Legend:
CPIN
VT
I leakage
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com