Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F716 Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 18Page - Microchip Technology PIC16F716 Datasheet HTML 19Page - Microchip Technology PIC16F716 Datasheet HTML 20Page - Microchip Technology PIC16F716 Datasheet HTML 21Page - Microchip Technology PIC16F716 Datasheet HTML 22Page - Microchip Technology PIC16F716 Datasheet HTML 23Page - Microchip Technology PIC16F716 Datasheet HTML 24Page - Microchip Technology PIC16F716 Datasheet HTML 25Page - Microchip Technology PIC16F716 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
PIC16F716
DS41206A-page 20
Preliminary
 2003 Microchip Technology Inc.
FIGURE 3-2:
BLOCK DIAGRAM OF
RA4/T0CKI PIN
TABLE 3-1:
PORTA FUNCTIONS
TABLE 3-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
DATA
BUS
WR
PORT
WR
TRIS
RD PORT
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
Input
Buffer
N
VSS
RA4/T0CKI
TMR0 Clock Input
Q
D
Q
CK
EN
QD
EN
VSS
Q
D
Q
CK
Name
Bit#
Buffer
Function
RA0/AN0
bit 0
TTL
Input/output or analog input
RA1/AN1
bit 1
TTL
Input/output or analog input
RA2/AN2
bit 2
TTL
Input/output or analog input
RA3/AN3/VREF
bit 3
TTL
Input/output or analog input or VREF
RA4/T0CKI
bit 4
ST
Input/output or external clock input for Timer0
Output is open drain type
Legend: TTL = TTL input, ST = Schmitt Trigger input
Address
Name
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on all
other
Resets
05h
PORTA
—
—
—(1)
RA4
RA3
RA2
RA1
RA0
--xx 0000
--uu uuuu
85h
TRISA
—
—
—(1)
PORTA Data Direction Register
--11 1111
--11 1111
9Fh
ADCON1
—
—
—
—
—
PCFG2 PCFG1 PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by
PORTA.
Note 1:
Reserved bits, do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com